Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA2ABD471SN4D Datasheet(PDF) 58 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD471SN4D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD471SN4D Datasheet(HTML) 58 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD471SN4D Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
69
s Impedance-Frequency Characteristics
BLM21BB471SN1
BLM21BD222SN1
BLM21BD272SN1
BLM21BB050SN1
BLM21BB600SN1
BLM21BB750SN1
BLM21BB121SN1
BLM21BB151SN1
BLM21BB201SN1
BLM21BB221SN1
BLM21BB331SN1
BLM21BD152SN1
BLM21BD182SN1
BLM21BD222TN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM21B Series (0805 Size)
BLM21B
1
10
100
1000
3000
Frequency (MHz)
2000
1500
1000
500
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
3000
2400
1800
1200
600
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
3500
2500
1500
3000
2000
1000
500
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
30
20
10
25
15
5
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
400
300
200
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
500
300
400
200
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
400
200
500
300
100
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
800
600
400
200
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
800
600
200
400
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1000
800
600
400
200
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
1200
900
600
300
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
2500
1500
2000
1000
500
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
2500
1500
2000
1000
500
0
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
2400
1800
1200
600
0
R
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com