Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4060BEY Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4060BEY
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060BEY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4060BEY Datasheet HTML 2Page - STMicroelectronics HCF4060BEY Datasheet HTML 3Page - STMicroelectronics HCF4060BEY Datasheet HTML 4Page - STMicroelectronics HCF4060BEY Datasheet HTML 5Page - STMicroelectronics HCF4060BEY Datasheet HTML 6Page - STMicroelectronics HCF4060BEY Datasheet HTML 7Page - STMicroelectronics HCF4060BEY Datasheet HTML 8Page - STMicroelectronics HCF4060BEY Datasheet HTML 9Page - STMicroelectronics HCF4060BEY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
HCF4060
6/15
DocID2055 Rev 6
3
Electrical characteristics
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltage values are referred to
VSS pin voltage.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to +22
V
VI
DC input voltage
-0.5 to VDD + 0.5
II
DC input current
± 10
mA
PD
Power dissipation per package
200
mW
Power dissipation per output transistor
100
Top
Operating temperature
-55 to +125
°C
Tstg
Storage temperature
-65 to +150
Table 4. Recommended operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
3 to 20
V
VI
Input voltage
0 to VDD
Top
Operating temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com