Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7224 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N7224
Description  N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N7224 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N7224 Datasheet HTML 1Page - Microsemi Corporation 2N7224 Datasheet HTML 2Page - Microsemi Corporation 2N7224 Datasheet HTML 3Page - Microsemi Corporation 2N7224 Datasheet HTML 4Page - Microsemi Corporation 2N7224 Datasheet HTML 5Page - Microsemi Corporation 2N7224 Datasheet HTML 6Page - Microsemi Corporation 2N7224 Datasheet HTML 7Page - Microsemi Corporation 2N7224 Datasheet HTML 8Page - Microsemi Corporation 2N7224 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
T4-LDS-0102, Rev. 3 (121485)
©2012 Microsemi Corporation
Page 2 of 9
2N7224, 2N7225, 2N7227 and 2N7228
MECHANICAL and PACKAGING
• CASE: Ceramic and gold over nickel plated steel.
• TERMINALS: Gold over nickel plated tungsten/copper.
• MARKING: Part number, date code, and polarity symbol.
• WEIGHT: 6.5 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN
2N7224
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
SYMBOLS & DEFINITIONS
Symbol
Definition
di/dt
Rate of change of diode current while in reverse-recovery mode, recorded as maximum value.
IF
Forward current
RG
Gate drive impedance
VDD
Drain supply voltage
VDS
Drain source voltage, dc
VGS
Gate source voltage, dc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com