Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVFK2A331M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitor/FK series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK2A331M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEVFK2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 4Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 5Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 6Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DL
DL
22
EEVFK0J220R
0.26
90
1.35
4
5.8
4.7
EEVFK1V4R7R
0.12
90
1.35
4
5.8
47
EEVFK0J470UR
0.26
90
1.35
4
5.8
10
EEVFK1V100UR
0.12
90
1.35
4
5.8
47
EEVFK0J470R
0.26
160
0.70
5
5.8
10
EEVFK1V100R
0.12
160
0.70
5
5.8
100
EEVFK0J101UR
0.26
160
0.70
5
5.8
22
EEVFK1V220R
0.12
160
0.70
5
5.8
100
EEVFK0J101P
0.26
240
0.36
6.3
5.8
33
EEVFK1V330P
240
0.36
6.3
5.8
220
EEVFK0J221P
0.26
240
0.36
6.3
5.8
47
EEVFK1V470P
0.12
240
0.36
6.3
5.8
330
EEVFK0J331XP
0.26
280
0.34
6.3
7.7
68
EEVFK1V680XP
0.12
280
0.34
6.3
7.7
330
EEVFK0J331P
0.26
300
0.26
6.2
100
EEVFK1V101XP
280
0.34
6.3
7.7
470
EEVFK0J471P
0.26
600
0.16
8
10.2
100
EEVFK1V101P
0.12
600
0.16
8
10.2
1000
EEVFK0J102P
0.26
600
0.16
8
10.2
150
EEVFK1V151P
0.12
600
0.16
8
10.2
1500
EEVFK0J152P
0.26
850
0.080
10
10.2
220
EEVFK1V221P
0.12
600
0.16
8
10.2
3300
EEVFK0J332Q
0.30
1100
0.060
12.5
13.5
330
EEVFK1V331P
0.12
850
0.080
10
10.2
6800
EEVFK0J682M
0.36
1800
0.035
16
16.5
470
EEVFK1V471Q
1100
0.060
12.5
13.5
22
EEVFK1A220R
0.19
90
1.35
4
5.8
33
EEVFK1A330UR
0.19
90
1.35
4
5.8
1500
EEVFK1V152M
0.12
1800
0.035
16
16.5
33
EEVFK1A330R
0.19
160
0.70
5
5.8
4.7
EEVFK1H4R7R
0.10
60
2.90
4
5.8
150
EEVFK1A151P
0.19
240
0.36
6.3
5.8
10
EEVFK1H100UR
0.10
85
1.52
5
5.8
220
EEVFK1A221XP
0.19
280
0.34
6.3
10
EEVFK1H100P
0.10
165
0.88
6.3
5.8
220
EEVFK1A221P
0.19
300
0.26
8
6.2
22
EEVFK1H220P
0.10
165
0.88
6.3
5.8
330
EEVFK1A331P
0.19
600
0.16
8
10.2
33
EEVFK1H330XP
0.10
195
0.68
6.3
7.7
470
EEVFK1A471P
0.19
600
0.16
8
10.2
33
EEVFK1H330P
0.10
195
0.68
8
6.2
680
EEVFK1A681P
0.49
600
47
EEVFK1H470XP
0.10
195
0.68
6.3
7.7
1000
EEVFK1A102P
0.19
850
0.080
10
10.2
47
EEVFK1H470P
0.10
195
0.68
8
6.2
2200
EEVFK1A222Q
0.21
1100
0.060
12.5
13.5
100
EEVFK1H101P
0.10
350
0.34
8
10.2
4700
EEVFK1A472M
0.25
1800
0.035
16
16.5
150
0.10
670
0.18
10
10.2
6800
EEVFK1A682M
0.29
2060
0.033
18
16.5
220
EEVFK1H221P
0.10
670
0.18
10
10.2
10
EEVFK1C100R
0.16
90
1.35
4
5.8
330
EEVFK1H331Q
0.10
900
0.12
12.5
13.5
22
EEVFK1C220UR
0.16
90
1.35
4
5.8
680
0.10
1610
0.073
16
16.5
22
EEVFK1C220R
0.16
160
0.70
5
5.8
1000
EEVFK1H102M
0.10
1610
0.073
16
16.5
47
EEVFK1C470UR
0.16
160
0.70
5
5.8
4.7
EEVFK1J4R7R
0.08
50
3.00
5
5.8
68
EEVFK1C680P
0.16
240
0.36
6.3
5.8
10
EEVFK1J100P
0.08
80
1.50
6.3
5.8
22
EEVFK1J220XP
0.08
120
1.20
6.3
7.7
100
EEVFK1C101P
0.16
240
0.36
6.3
5.8
22
EEVFK1J220P
0.08
120
1.20
8
6.2
150
EEVFK1C151XP
0.16
280
0.34
6.3
7.7
33
EEVFK1J330P
0.08
250
0.65
8
10.2
220
EEVFK1C221XP
0.16
280
0.34
6.3
7.7
47
EEVFK1J470P
0.08
250
0.65
8
10.2
220
EEVFK1C221P
0.16
300
0.26
8
6.2
68
EEVFK1J680P
0.08
400
0.35
10
10.2
330
EEVFK1C331P
0.16
600
0.16
8
10.2
100
EEVFK1J101P
0.08
400
0.35
10
10.2
470
EEVFK1C471P
0.16
600
0.16
8
10.2
150
EEVFK1J151Q
0.08
800
0.16
12.5
13.5
680
EEVFK1C681P
0.16
850
0.08
10
220
EEVFK1J221Q
0.08
800
0.16
12.5
13.5
1500
EEVFK1C152Q
0.16
1100
0.060
12.5
13.5
470
EEVFK1J471M
0.08
1410
0.082
16
16.5
3300
EEVFK1C332M
0.20
1800
0.035
16
16.5
680
EEVFK1J681M
0.08
1690
0.080
18
16.5
4700
EEVFK1C472M
0.22
2060
0.033
18
16.5
3.3
EEVFK1K3R3R
0.08
25
5.00
5
5.8
10
EEVFK1E100R
0.14
90
1.35
4
5.8
4.7
EEVFK1K4R7P
0.08
40
3.00
6.3
5.8
22
EEVFK1E220R
0.14
160
0.70
5
5.8
10
EEVFK1K100XP
0.08
60
2.40
6.3
7.7
33
EEVFK1E330UR
0.14
160
0.70
5
5.8
10
EEVFK1K100P
0.08
60
2.40
8
6.2
33
EEVFK1E330P
0.14
240
0.36
6.3
5.8
22
EEVFK1K220P
0.08
130
1.30
8
10.2
47
EEVFK1E470P
0.14
240
0.36
6.3
5.8
33
EEVFK1K330P
0.08
130
1.30
8
10.2
68
EEVFK1E680P
0.14
240
0.36
6.3
5.8
47
EEVFK1K470P
0.08
200
0.70
10
10.2
100
EEVFK1E101XP
0.14
280
0.34
6.3
7.7
68
EEVFK1K680Q
0.08
500
0.32
12.5
13.5
100
EEVFK1E101P
0.14
300
0.26
8
6.2
100
EEVFK1K101Q
0.08
500
0.32
12.5
13.5
150
EEVFK1E151P
0.14
600
0.16
8
10.2
150
EEVFK1K151Q
0.08
500
0.32
12.5
13.5
220
EEVFK1E221P
0.14
600
0.16
8
10.2
330
0.08
793
0.17
16
16.5
330
EEVFK1E331P
0.14
600
0.16
8
10.2
470
EEVFK1K471M
0.08
917
0.153
18
16.5
470
EEVFK1E471P
0.14
850
0.080
10
10.2
22
EEVFK2A220P
0.07
130
1.30
8
1000
EEVFK1E102Q
0.14
1100
0.060
12.5
13.5
33
EEVFK2A330P
0.07
200
0.70
10
2200
EEVFK1E222M
0.16
1800
0.035
16
16.5
47
EEVFK2A470Q
0.07
500
0.32
12.5
13.5
3300
EEVFK1E332M
0.18
2060
0.033
18
16.5
68
EEVFK2A680Q
0.07
500
0.32
12.5
13.5
100
0.07
793
0.17
16
16.5
150
EEVFK2A151M
0.07
793
0.17
16
220
EEVFK2A221M
0.07
917
0.153
18
16.5
330
EEVFK2A331M
0.07
917
0.153
18
16.5
W.V.
[V.DC]
Cap.
[µF]
Part No.
tan
d
Size
W.V.
[V.DC]
Cap.
[µF]
R.C.
[mA rms]
Imp./ESR
[
o]
Size
R.C.
[mA rms]
Imp./ESR
[
o]
Part No.
tan
d
25
35
6.3
10
16
100
80
63
50
Tan
a = at 120Hz/+20°C
Impedance/ESR = at 100kHz/+20°C
Ripple current = at 100kHz/+105°C
47
EEVFK1C470P
0.16
240
0.36
6.3
5.8
0.12
0.12
0.12
10.2
16.5
10.2
10.2
7.7
8
10.2
EEVFK1K331M
EEVFK2A101M
EEVFK1H151P
EEVFK1H681M
8
Aluminum Electrolytic Capacitors/FK Series
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
EEVFK1V681Q
680
0.12
0.12
1000
1100
0.060
12.5
13.5
EEVFK1V102M
1800
0.035
16
16.5
0.16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com