Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJS06 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJS06
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS06 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJS06 Datasheet HTML 1Page - Panasonic Semiconductor ERJS06 Datasheet HTML 2Page - Panasonic Semiconductor ERJS06 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Anti-Sulfurated Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film Chip Resistors
Product Code
Size, Power Rating
Type: inch
U01 : 0201
S02
: 0402
U02
S03
: 0603
U03
S06
: 0805
U06
S08
: 1206
U08
0.05 W
0.1 W
0.1 W
0.125 W
0.25 W
Power R.
Resistance Tolerance
Code
F
J
0
Tolerance
± 1 %
± 5 %
Jumper
The first two or three digits are significant figures of
resistance and the third or 4th one denotes number
of zeros following. Jumper is expressed by R00.
Three digit type (±5%), four digit type (±1%)
Example: 222
2.2 k , 1002
10 k
Resistance Value
Type: inch
S14
: 1210
U14
S12
: 1812
U12
S1D
: 2010
U1D
S1T
: 2512
U1T
0.5 W
0.75 W
0.75 W
1 W
Power R.
Packaging Methods
Code
Packaging
Type
Pressed Carrier Taping
2 mm pitch, 15,000 pcs.
ERJU01
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
ERJS1T, ERJU1T
ERJS03, ERJU03
ERJS06, ERJU06
ERJS08, ERJU08
ERJS14, ERJU14
ERJS12, ERJU12
ERJS1D, ERJU1D
ERJS02, ERJU02
C
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
X
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
V
U
1
2
3
4
56789
10
11
Type: inch
S6: 0805
0.25 W
Power R.
Code
S
Q
Resistance Value
0.1
to 0.2
0.22
to 1
Resistance Tolerance
Code
F
G
J
Tolerance
±1 %
±2 %
±5 %
Packaging Methods
Code
Type
Packaging
Shown by 3 digits or
letters.
(Example)
R20 : 0.20
=200 m
1R0 : 1.00
=1000 m
Resistance Value
ERJS6
Res. Value
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
V
Thick Film Chip Resistors
Product Code
Size, Power Rating
Anti-Sulfurated Thick Film Chip Resistors
ERJ S : 0402, 0603, 0805, 1206, 1210,
1812, 2010, 2512
ERJ S6 : 0805
ERJ U : 0201, 0402, 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ S02, S03, S06, S08, S14
S12, S1D, S1T (Au-based inner electrode type)
Type:
ERJ S6S, S6Q (Ag-Pd-based inner electrode type)
Type:
ERJ U01, U02, U03, U06, U08, U14,
U12, U1D, U1T (Ag-Pd-based inner electrode type)
■ Features
● High resistance to sulfurization achieved by adopting an Au-based inner electrode (ERJS0/S1 type)
and Ag-Pd-based inner electrode (ERJS6, ERJU type)
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Low Resistance type…ERJS6S, S6Q : 0.1 Ω to 1.0 Ω
● Reference Standard…IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● RoHS compliant
■ Explanation of Part Numbers
● ERJS0, S1, U0, U1 Series
● ERJS6S, S6Q Series
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
04
24


Similar Part No. - ERJS06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJS06 PANASONIC-ERJS06 Datasheet
1Mb / 8P
Anti-Sulfurated Thick Film Chip Resistors
10-May-24
ERJS0601002C PANASONIC-ERJS0601002C Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJS0601002C PANASONIC-ERJS0601002C Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJS0601002C PANASONIC-ERJS0601002C Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJS0601002C PANASONIC-ERJS0601002C Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
More results

Similar Description - ERJS06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S030R00V PANASONIC-ERJ-S030R00V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S060R00V PANASONIC-ERJ-S060R00V Datasheet
93Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
logo
List of Unclassifed Man...
CNCS34JT102 ETC-CNCS34JT102 Datasheet
800Kb / 8P
Anti-Sulfurated Thick Film Chip Resistor Arrays
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com