Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVM2W Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVM2W
Description  SMT Trimmer Potentiometers/EVM2N/2W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVM2W Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVM2W Datasheet HTML 1Page - Panasonic Semiconductor EVM2W Datasheet HTML 2Page - Panasonic Semiconductor EVM2W Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Trimmer Potentiometers
– 93 –
Product Code
Packaging
E
1
Resistance
Taper
V
2345
6
A
7
0
89
10
11
12
Type
/Structure
Type
MB
EVMAA, EVMAE
Symbol
Symbol
SA00
SA01
GA00
Radial taping height 21 mm
Bulk Standard
Radial taping height 20 mm
Packaging
EVMAA, EVMAE
EVMAH, EVMAJ
EVMAS
6mm Square Dustproof
Bulk
6mm Square Dustproof
Radial Taping
Symbol Resistance
EVMAH
EVMAJ
EVMAS
EVM2N
EVM2W
EVM3E
EVM3S
EVM3W
EVM3V
EVM1D
EVM1E
EVM1U
EVMAA
EVMAE
EVM3R
11
21
51
12
C2
22
E2
32
Y2
Q2
52
S2
13
C3
23
E3
33
Y3
Q3
53
S3
14
C4
24
E4
34
Y4
Q4
54
S4
15
C5
25
E5
35
Y5
Q5
55
S5
16
10
20
50
100
150
200
220
300
330
470
500
680
1k
1.5 k
2k
2.2 k
3k
3.3 k
4.7 k
5k
6.8 k
10 k
15 k
20 k
22 k
30 k
33 k
47 k
50 k
68 k
100 k
150 k
200 k
220 k
300 k
330 k
470 k
500 k
680 k
1M
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
11th
12th
Significant
Number
of resistance
When significant number is odd, letters are assigned as shown above.
Number of zero
11th
Significant
number
1.5
2.2
3.3
4.7
6.8
C
E
Y
Q
S
Type
2mm Open
3mm Open
4mm Open
Product Code
Packaging
E
1
Taper
VM
S
2345
6
789
10
11
12
Type/Structure
0
Symbol(1th to 5th)
EVM2N, EVM2W (low-profile)
EVM3E, EVM3S, EVM3R, EVM3W (low-profile)
EVM3V (with rotation stopper)
EVM1D, EVM1E, EVM1U
8th
3
5
8
Quantity
Type
1000
2000
3000
EVM1D,EVM1E,EVM1U
EVM3E,EVM3S,EVM3R,
EVM3V
EVM2N,EVM2W,EVM3W
6th 7th
Packaging
Carrier tape
(7th: Direction of insertion.
Refer to Packaging
Specifications)
S
W
X
B
✽ The standard of direction of insertion
is a direction X.
EVM2N type be only direction X.
Resistance
■ Explanation of Part Numbers
● Ceramic Trimmer Potentiometers
● SMT Trimmer Potentiometers
Feb. 2012
01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com