Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99H01XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99H01XP
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99H01XP Datasheet HTML 16Page - STMicroelectronics L99H01XP Datasheet HTML 17Page - STMicroelectronics L99H01XP Datasheet HTML 18Page - STMicroelectronics L99H01XP Datasheet HTML 19Page - STMicroelectronics L99H01XP Datasheet HTML 20Page - STMicroelectronics L99H01XP Datasheet HTML 21Page - STMicroelectronics L99H01XP Datasheet HTML 22Page - STMicroelectronics L99H01XP Datasheet HTML 23Page - STMicroelectronics L99H01XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Electrical specifications
L99H01
20/53
DocID15567 Rev 5
2.5
SPI - electrical characteristics
VS =6V to 28 V, VCC = 3 V to 5.3 V, Tj = -40°C to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows
into the pin.
Table 19. DI timing(1)
1.
DI timing parameters tested in production by a passed / failed test:
Tj = -40°C / +25°C: SPI communication @ 2 MHz.
Tj = +125°C: SPI communication @ 1.25 MHz.
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
19.1
tCLK
Clock period
—
1000
—
ns
19.2
tCLKH
Clock high time
—
400
—
ns
19.3
tCLKL
Clock low time
—
400
—
ns
19.4
tset CSN
CSN setup time, CSN low
before rising edge of CLK
—
400
—
ns
19.5
tset CLK
CLK setup time, CLK high
before rising edge of CSN
—
400
—
ns
19.6
tset DI
DI setup time
—
200
—
ns
19.7
thold DI
DI hold time
—
200
—
ns
19.8
tr in
Rise time of input signal DI,
CLK, CSN
——
100
ns
19.9
tf in
Fall time of input signal DI,
CLK, CSN
——
100
ns
Table 20. DO
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
20.1
VDOL
Low-level output
voltage
ID =-4 mA
0.2
0.4
V
20.2
VDOH
High-level output
voltage
ID =4 mA
VCC -0.4 VCC -0.2
V
20.3
IDOLK
Tristate leakage
current
VCSN =VCC;
0V <VDO <VCC
-10
10
µA
20.4
CDO
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Tristate input
capacitance
VCSN =VCC;
0V <VCC <5.3 V
10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com