Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6699DTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6699DTR
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699DTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6699DTR Datasheet HTML 6Page - STMicroelectronics L6699DTR Datasheet HTML 7Page - STMicroelectronics L6699DTR Datasheet HTML 8Page - STMicroelectronics L6699DTR Datasheet HTML 9Page - STMicroelectronics L6699DTR Datasheet HTML 10Page - STMicroelectronics L6699DTR Datasheet HTML 11Page - STMicroelectronics L6699DTR Datasheet HTML 12Page - STMicroelectronics L6699DTR Datasheet HTML 13Page - STMicroelectronics L6699DTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Electrical data
L6699
10/38
Doc ID 022835 Rev 2
TD
(2)
Deadtime self-adjustment
range
Minimum value
0.23
µs
Maximum value
0.7
VCFp
Peak value
3.9
V
VCFv
Valley value
0.9
V
VREF
Voltage reference on pin 4
(1)
1.93
2
2.07
V
IREF = -2 mA
(1)
1.8
2
2.07
KM
Current mirroring ratio
1
A/A
RFmin
Timing resistor range
1
100
k
Ω
Zero-current comparator
VZCD neg
Threshold voltage (-)
-10
mV
VZCD pos
Threshold voltage (+)
+10
mV
Pfc_stop function
Ileak
High level leakage current
VPFC_STOP = VCC, VDIS = 0 V
1
µA
RPFC_STOP ON-state resistance
IPFC_STOP = 1 mA, VDIS > 1.92 V
130
200
Ω
Soft-start function
Ileak
Open-state current
V(CSS) = 2 V
0.5
µA
R
Discharge resistance
120
Ω
TDISCH
CSS discharge duration
VISEN > VISENx or approaching
capacitive-mode
5
µs
Capacitive-mode detected
50
Standby function
ISTBY
Input bias current
VSTBY = 0 to 1.3 V
-1
µA
VSTBY
Disable threshold
Voltage falling (1)
1.22
1.26
1.3
V
Hys
Hysteresis
Voltage rising
30
mV
Delayed shutdown function
Ileak
Open-state current
VDELAY = 1 V
1
µA
VDELAY = 1 V, after shutdown
-0.1
-0.5
ICHARGE
Charge current
VDELAY = 2.5 V, VISEN = 0.85 V
250
350
450
µA
Vth1
Threshold for forced operation
at max. frequency
Voltage rising (1)
1.92
2.0
2.08
V
Vth2
Shutdown threshold
Voltage rising (1)
3.35
3.5
3.65
V
Vth3
Restart threshold
Voltage falling (1)
0.27
0.3
0.33
V
Low-side gate driver (voltages referred to GND)
VLVGL
Output low voltage
Isink = 200 mA
1.5
V
VLVGH
Output high voltage
Isource = 5 mA
12.8
13.3
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com