Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM833D
Description  Low noise dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833D Datasheet(HTML) 1 Page - STMicroelectronics

  LM833D Datasheet HTML 1Page - STMicroelectronics LM833D Datasheet HTML 2Page - STMicroelectronics LM833D Datasheet HTML 3Page - STMicroelectronics LM833D Datasheet HTML 4Page - STMicroelectronics LM833D Datasheet HTML 5Page - STMicroelectronics LM833D Datasheet HTML 6Page - STMicroelectronics LM833D Datasheet HTML 7Page - STMicroelectronics LM833D Datasheet HTML 8Page - STMicroelectronics LM833D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2009
Doc ID 2169 Rev 3
1/12
12
LM833
Low noise dual operational amplifier
Features
Low voltage noise: 4.5 nV/
√Hz
High gain bandwidth product: 15 MHz
High slew rate: 7 V/µs
Low distortion: 0.002%
Excellent frequency stability
ESD protection 2 kV
Applications
Audio systems
Preamplification, filtering
Description
The LM833 is a monolithic dual operational
amplifier particularly well-suited to audio
applications.
It offers low voltage noise (4.5 nV/
√Hz) and high
frequency performances (15 MHz gain bandwidth
product, 7 V/µs slew rate).
In addition, the LM833 has a very low distortion
(0.002%) and excellent phase/gain margins.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
Pin connections (top view)
www.st.com


Similar Part No. - LM833D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833D MOTOROLA-LM833D Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833D ONSEMI-LM833D Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
Rev 0
LM833D ONSEMI-LM833D Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
STMicroelectronics
LM833D STMICROELECTRONICS-LM833D Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
More results

Similar Description - LM833D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com