Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV822IQ2T Datasheet(PDF) 23 Page - STMicroelectronics

Part # LMV822IQ2T
Description  Low power, high accuracy, general-purpose operational amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV822IQ2T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LMV822IQ2T Datasheet HTML 19Page - STMicroelectronics LMV822IQ2T Datasheet HTML 20Page - STMicroelectronics LMV822IQ2T Datasheet HTML 21Page - STMicroelectronics LMV822IQ2T Datasheet HTML 22Page - STMicroelectronics LMV822IQ2T Datasheet HTML 23Page - STMicroelectronics LMV822IQ2T Datasheet HTML 24Page - STMicroelectronics LMV822IQ2T Datasheet HTML 25Page - STMicroelectronics LMV822IQ2T Datasheet HTML 26Page - STMicroelectronics LMV822IQ2T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LMV82x, LMV82xA
Package information
Doc ID 022467 Rev 3
23/32
5.5
MiniSO-8 package information
Figure 29. MiniSO-8 package mechanical drawing
Table 14.
MiniSO-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.80
3.00
3.20
0.11
0.118
0.126
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.11
0.118
0.122
e
0.65
0.026
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.010
k0 °
8 °
0 °
8 °
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com