Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD650AD Datasheet(PDF) 9 Page - Analog Devices

Part # AD650AD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650AD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD650AD Datasheet HTML 5Page - Analog Devices AD650AD Datasheet HTML 6Page - Analog Devices AD650AD Datasheet HTML 7Page - Analog Devices AD650AD Datasheet HTML 8Page - Analog Devices AD650AD Datasheet HTML 9Page - Analog Devices AD650AD Datasheet HTML 10Page - Analog Devices AD650AD Datasheet HTML 11Page - Analog Devices AD650AD Datasheet HTML 12Page - Analog Devices AD650AD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD650
Rev. E | Page 9 of 20
If the approximate amount of noise that appears on CINT is known
(VNOISE), then the value of CINT can be checked using the following
inequality:
NOISE
S
OS
INT
V
V
A
t
C
V
3
10
1
3
(8)
For example, consider an application calling for a maximum
frequency of 75 kHz, a 0 V to 1 V signal range, and supply
voltages of only ±9 V. The component selection guide of Figure 9
is used to select 2.0 kΩ for RIN and 1000 pF for COS. This results
in a one-shot time period of approximately 7 μs. Substituting
75 kHz into Equation 7 yields a value of 1300 pF for CINT. When
the input signal is near zero, 1 mA flows through the integration
capacitor to the switched current sink during the reset phase,
causing the voltage across CINT to increase by approximately 5.5 V.
Because the integrator output stage requires approximately 3 V
headroom for proper operation, only 0.5 V margin remains for
integrating extraneous noise on the signal line. A negative noise
pulse at this time could saturate the integrator, causing an error
in signal integration. Increasing CINT to 1500 pF or 2000 pF
provides much more noise margin, thereby eliminating this
potential trouble spot.
1MHz
100kHz
10kHz
50
100
1000
COS (pF)
INPUT
RESISTOR
16.9k
20k
40.2k
100k
Figure 9. Full-Scale Frequency vs. COS
100
20
50
100
1000
ONE SHOT CAPACITOR
COS (pF)
1000
INPUT
RESISTOR
16.9k
40.2k
100k
20k
Figure 10. Typical Nonlinearity vs. COS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com