Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7839ASZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7839ASZ
Description  Octal 13-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7839ASZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7839ASZ Datasheet HTML 4Page - Analog Devices AD7839ASZ Datasheet HTML 5Page - Analog Devices AD7839ASZ Datasheet HTML 6Page - Analog Devices AD7839ASZ Datasheet HTML 7Page - Analog Devices AD7839ASZ Datasheet HTML 8Page - Analog Devices AD7839ASZ Datasheet HTML 9Page - Analog Devices AD7839ASZ Datasheet HTML 10Page - Analog Devices AD7839ASZ Datasheet HTML 11Page - Analog Devices AD7839ASZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7839
–12–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead MQFP (S-44)
0.548 (13.925)
0.546 (13.875)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.033 (0.84)
0.029 (0.74)
0.398 (10.11)
0.390 (9.91)
0.016 (0.41)
0.012 (0.30)
0.083 (2.11)
0.077 (1.96)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
SEATING
PLANE
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
8°
0.8°
GND
VDD
8/10-BIT
DAC
GND
VDD
8/10-BIT
DAC
LOGIC LEVEL
SHIFT
+5V
5V
SCLK
D IN
FSIN/CS
SCLK
D IN
FSIN/CS
0V TO +5V
0V TO
5V
VREF(+)AB
A0, A1, A2
VOUTA
VOUTA
VOUTB
VOUTB
VREF( )AB
AD7839*
GND
DATA BUS
ADDR
DECODER
ADDR BUS
SDATA
SCLK
DATA BUS
CONTROLLER
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 22. Programmable Reference Generation for the AD7839
these DACs can be operated with supplies of 0 V and –5 V, with
the VDD pin connected to 0 V and the GND pin connected to
–5 V. Now these can be used to provide the negative reference
voltages for the VREF(–) inputs on the AD7839. However, the
digital signals driving the DACs need to be level-shifted from
the 0 V to +5 V range to the –5 V to 0 V range. Figure 22 shows
a typical application circuit to provide programmable reference
capabilities for the AD7839.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com