Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8691AUJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8691AUJZ-R2
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691AUJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8691AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 15Page - Analog Devices AD8691AUJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8691/AD8692/AD8694
Rev. E | Page 14 of 16
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8691AUJZ-R2
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AUJZ-REEL
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AUJZ-REEL7
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691AKSZ-R2
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8691AKSZ-REEL
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8691AKSZ-REEL7
−40°C to +125°C
5-Lead SC70
KS-5
ACA
AD8691WAUJZ-R7
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8691WAUJZ-RL
−40°C to +125°C
5-Lead TSOT
UJ-5
ACA
AD8692ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
APA
AD8692ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
APA
AD8692ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8692ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8692ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8692WARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
APA
AD8694ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694WARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694WARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8694ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8694ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8694ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8691W/AD8692W/AD8694W models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific product
ordering information and to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com