Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG428TQ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG428TQ
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428TQ Datasheet(HTML) 5 Page - Analog Devices

  ADG428TQ Datasheet HTML 1Page - Analog Devices ADG428TQ Datasheet HTML 2Page - Analog Devices ADG428TQ Datasheet HTML 3Page - Analog Devices ADG428TQ Datasheet HTML 4Page - Analog Devices ADG428TQ Datasheet HTML 5Page - Analog Devices ADG428TQ Datasheet HTML 6Page - Analog Devices ADG428TQ Datasheet HTML 7Page - Analog Devices ADG428TQ Datasheet HTML 8Page - Analog Devices ADG428TQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. C
ADG428/ADG429
–5–
ADG428 Truth Table
A2
A1
A0
EN
WR RS
ON SWITCH
Latching
XXXX
g
1
Maintains Previous
Switch Condition
Reset
XXXXX0
NONE
(Latches Cleared)
Transparent Operation
X
X
X
0
0
1
NONE
000101
1
001101
2
010101
3
011101
4
100101
5
101101
6
110101
7
111101
8
ADG429 Truth Table
A1
A0
EN
WR
RS
ON SWITCH PAIR
Latching
XXX
g
1
Maintains Previous
Switch Condition
Reset
XXXX0
NONE
(Latches Cleared)
Transparent Operation
X
X
0
0
1
NONE
001011
011012
101013
111014
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual
supplies. In single supply applications, it may
be connected to ground.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
∆R
ON
Difference between the RON of any two
channels.
IS (OFF)
Source leakage current when the switch is off.
ID (OFF)
Drain leakage current when the switch is off.
ID, IS (ON)
Channel leakage current when the switch is
on.
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
Channel input capacitance for “OFF”
condition.
CD (OFF)
Channel output capacitance for “OFF”
condition.
CD, CS (ON)
“ON” switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points
of the digital input and switch “ON”
condition.
tOFF (EN)
Delay time between the 50% and 90% points
of the digital input and switch “OFF”
condition.
tTRANSITlON
Delay time between the 50% and 90% points
of the digital inputs and the switch “ON”
condition when switching from one address
state to another.
tOPEN
“OFF” time measured between 80% points of
both switches when switching from one
address state to another.
VINL
Maximum input voltage for Logic “0.”
VINH
Minimum input voltage for Logic “1.”
IINL (IINH)
Input current of the digital input.
Crosstalk
A measure of unwanted signal which is
coupled through from one channel to another
as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” channel.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
IDD
Positive supply current.
ISS
Negative supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com