Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP122AUJZ-1.8-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP122AUJZ-1.8-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-1.8-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP122AUJZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP122AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADP122/ADP123
Data Sheet
Rev. E | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Typical Application Circuits............................................................ 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Specifications..................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 11
Applications Information .............................................................. 12
Capacitor Selection .................................................................... 12
Undervoltage Lockout ............................................................... 13
Enable Feature ............................................................................ 13
Current Limit and Thermal Overload Protection ................. 14
Thermal Considerations............................................................ 14
Junction Temperature Calculations For TSOT Package ....... 15
Junction Temperature Calculations For LFCSP Package...... 17
Printed Circuit Board Layout Considerations........................ 19
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 21
REVISION HISTORY
6/12—Rev. D to Rev. E
Changes to Table 3.............................................................................5
4/12—Rev. C to Rev. D
Changes to Ordering Guide ...........................................................21
4/12—Rev. B to Rev. C
Changes to Operating Ambient Temperature Range;
Table 3 .................................................................................................5
3/12—Rev. A to Rev. B
Added VOUT = 2.8 V to Figure 23 Caption......................................9
Updated Outline Dimensions .......................................................20
6/11—Rev. 0 to Rev. A
Added 6-Lead LFCSP Package .................................... Throughout
Added Figure 3 and Figure 4 (Renumbered Sequentially) ..........1
Changes to Table 4.............................................................................5
Changes to Pin Configuration and Function Descriptions
Section.................................................................................................6
Changes to Thermal Considerations Section ............................. 14
Added Junction Temperature Calculations for LFCSP Package
Section.............................................................................................. 17
Updated Outline Dimensions ...................................................... 20
Changes to Ordering Guide.......................................................... 21
10/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com