Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8232ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8232ACPZ-R7
Description  Single-Lead, Heart Rate Monitor Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8232ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8232ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8232
Data Sheet
Rev. A | Page 22 of 28
Additional High-Pass Filtering Options
In addition to the topologies explained in the previous sections,
an additional pole may be added to the dc blocking circuit for
additional rejection of low frequency signals. This configuration
is shown in Figure 56.
Figure 56. Schematic for an Alternative Two-Pole High-Pass Filter
An extra benefit of this circuit topology is that it allows lower
cutoff frequency with lower R and C values and the resistor,
RCOMP, can be used to control the Q of the filter to achieve narrow
band-pass filters (for heart rate detection) or maximum pass-
band flatness (for cardiac monitoring).
With this topology, the filter attenuation reverts to a single pole
roll off at very low frequencies. Because the initial roll off was 40 dB
per decade, this reversion to 20 dB per decade has little impact on
the ability of the filter to reject out-of-band low frequency signals.
The designer may choose different values to achieve the desired
filter performance. To simplify the design process, use the following
recommendations as a starting point for component value selection.
R1 = R2 ≥ 100 kΩ
C1 = C2
RCOMP = 0.14 × R1
The cutoff frequency is located at
C2
R2
C1
R1
f
C
2
10
The selection of RCOMP to be 0.14 times the value of the other two
resistors optimizes the filter for a maximally flat pass band. Reduce
its value to increase the Q and, consequently, the peaking of the
filter. Keep in mind that a very low value of RCOMP can result in
an unstable circuit. The selection of values based on these criteria
result in a transfer function similar to the one shown in Figure 58.
When additional low frequency rejection is desired, a high-order
high-pass filter can be implemented by adding an ac coupling
network at the output of the instrumentation amplifier, as shown in
Figure 57. The SW terminal is connected to the ac coupling network
to obtain the best settling time response when fast restore engages.
Figure 57. Schematic for a Three-Pole High-Pass Filter
Figure 58. Frequency Response of Circuits in Figure 56 and Figure 57
Careful analysis and adjustment of all of the component values
in practice is recommended to optimize the filter characteristics.
A useful hint is to reduce the value of RCOMP to increase the peaking
of the active filter to overcome the additional roll off introduced
by the ac coupling network. Proper adjustment can yield the
best pass-band flatness.
The design of the high-pass filter involves tradeoffs between signal
distortion, component count, low frequency rejection, and
component sizes. For example, a single-pole high-pass filter
results in the least distortion to the signal, but its rejection of
low-frequency artifacts is the lowest Table 4 compares the
recommended filtering options.
Table 4. Comparison of High-Pass Filtering Options
Filter Order
Component Count
Low Frequency Rejection
Capacitor Sizes/Values
Signal Distortion1
Output Impedance2
Figure 53
1
2
Good
Large
Low
Low
Figure 55
2
4
Better
Large
Medium
Higher
Figure 56
2
5
Better
Smaller
Medium
Low
Figure 57
3
7
Best
Smaller
Highest
Higher
1 For equivalent corner frequency location.
2 Output impedance refers to the drive capability of the high-pass filter before the low-pass filter. Low output impedance is desirable to allow flexibility in the selection
of values for a low-pass filter, as explained in the Low-Pass Filtering and Gain section.
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
+IN
–IN
HPA
SW
10kΩ
S2
6
REFOUT 8
TO NEXT
STAGE
= REFOUT
19
3
1
20
2
C1
R1
R2
RCOMP
C2
10kΩ
IAOUT
HPSENSE
HPDRIVE
S1
+IN
–IN
HPA
SW
10kΩ
S2
6
REFOUT 8
TO NEXT
STAGE
= REFOUT
19
3
1
20
2
C1
C3
R1
R2
RCOMP
C2
R3
60
40
20
0
–20
–40
–60
0.01
100
10
1
0.1
FREQUENCY (Hz)
THREE-POLE FILTER
TWO-POLE FILTER
40dB PER
DECADE
40dB PER
DECADE
20dB PER
DECADE
60dB PER
DECADE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com