Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADTL082JR Datasheet(PDF) 5 Page - Analog Devices

Part # ADTL082JR
Description  Low Cost JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL082JR Datasheet(HTML) 5 Page - Analog Devices

  ADTL082JR Datasheet HTML 1Page - Analog Devices ADTL082JR Datasheet HTML 2Page - Analog Devices ADTL082JR Datasheet HTML 3Page - Analog Devices ADTL082JR Datasheet HTML 4Page - Analog Devices ADTL082JR Datasheet HTML 5Page - Analog Devices ADTL082JR Datasheet HTML 6Page - Analog Devices ADTL082JR Datasheet HTML 7Page - Analog Devices ADTL082JR Datasheet HTML 8Page - Analog Devices ADTL082JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADTL082/ADTL084
Rev. B | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
1k
10k
100k
1M
10M
RL = 2kΩ
TA = 25°C
VSY = ±15V
VSY = ±10V
VSY = ±5V
100
FREQUENCY (Hz)
Figure 5. Maximum Peak Output Voltage vs. Frequency
RL = 10kΩ
TA = 25°C
VSY = ±15V
VSY = ±10V
VSY = ±5V
0
2
4
6
8
10
12
14
16
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
Figure 6. Maximum Peak Output Voltage vs. Frequency
VSY = ±15V
RL = 2kΩ
TA = +25°C
TA = +125°C
TA = –55°C
0
2
4
6
8
10
12
14
16
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 7. Maximum Peak Output Voltage vs. Frequency
–75
–50
–25
0
25
50
75
100
125
VSY = ±15V
RL = 10kΩ
RL = 2kΩ
0
2
4
6
8
10
12
14
16
TA FREE-AIR TEMPERATURE (°C)
Figure 8. Maximum Peak Output Voltage vs. Free-Air Temperature
VSY = ±15V
TA = 25°C
0
2
4
6
8
10
12
14
16
1k
10k
100
RL LOAD RESISTANCE (Ω)
Figure 9. Maximum Peak Output Voltage vs. Load Resistance
±4
±5
±6
±7
±8
±9
±10 ±11 ±12 ±13 ±14
±15
RL = 10Ω
TA = 25°C
0
2
4
6
8
10
12
14
16
VSY SUPPLY VOLTAGE (V)
Figure 10. Maximum Peak Output Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com