Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3311EARS Datasheet(PDF) 15 Page - Analog Devices

Part # ADM3311EARS
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARS Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM3311EARS Datasheet HTML 11Page - Analog Devices ADM3311EARS Datasheet HTML 12Page - Analog Devices ADM3311EARS Datasheet HTML 13Page - Analog Devices ADM3311EARS Datasheet HTML 14Page - Analog Devices ADM3311EARS Datasheet HTML 15Page - Analog Devices ADM3311EARS Datasheet HTML 16Page - Analog Devices ADM3311EARS Datasheet HTML 17Page - Analog Devices ADM3311EARS Datasheet HTML 18Page - Analog Devices ADM3311EARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 15 of 24
Transmitter (Driver) Section
The drivers convert 3.3 V logic input levels into EIA-232 output
levels. With VCC = 3.0 V and driving an EIA-232 load, the
output voltage swing is typically ±6.4 V (or ±5.5 V for
ADM3310E and ADM3315E).
Unused inputs may be left unconnected, because an internal
400 kV pull-up resistor pulls them high forcing the outputs into
a low state. The input pull-up resistors typically source 8 mA
when grounded, so unused inputs should either be connected to
VCC or left unconnected in order to minimize power
consumption.
Receiver Section
The receivers are inverting level shifters that accept RS-232
input levels and translate them into 3.3 V logic output levels.
The inputs have internal 5 kΩ pull-down resistors (22 kΩ for
the ADM3310E) to ground and are also protected against
overvoltages of up to ±30 V. Unconnected inputs are pulled to
0 V by the internal 5 kΩ (or 22 kΩ for the ADM3315E) pull-
down resistor. This, therefore, results in a Logic 1 output level
for unconnected inputs or for inputs connected to GND.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.14 V. This ensures error-free reception for both noisy
inputs and for inputs with slow transition times.
ENABLE AND SHUTDOWN
The enable function is intended to facilitate data bus
connections where it is desirable to three-state the receiver
outputs. In the disabled mode, all receiver outputs are placed in
a high impedance state. The shutdown function is intended to
shut the device down, thereby minimizing the quiescent
current. In shutdown, all transmitters are disabled. All receivers
are shut down, except for Receiver R3 (ADM3307E,
ADM3312E, and ADM3315E), Receiver R5 (ADM3311E), and
Receiver R4 and Receiver R5 (ADM3310E). Note that disabled
transmitters are not three-stated in shutdown, so it is not
permitted to connect multiple (RS-232) driver outputs together.
The shutdown feature is very useful in battery-operated systems
because it reduces the power consumption to 66 nW. During
shutdown, the charge pump is also disabled. When exiting
shutdown, the charge pump is restarted and it takes
approximately 100 μs for it to reach its steady-state operating
conditions.
0V
3V
EN INPUT
tDR
VOH –0.1V
VOL +0.1V
VOH
VOL
RECEIVER
OUTPUT
Figure 28. Receiver Disable Timing
3V
0.4V
0V
3V
tER
EN INPUT
VOH
VOL
RECEIVER
OUTPUT
Figure 29. Receiver Enable Timing
High Baud Rate
The ADM33xxE features high slew rates, permitting data
transmission at rates well in excess of the EIA/RS-232E
specifications. RS-232 voltage levels are maintained at data rates
up to 230 kbps (460 kbps for ADM3307E) under worst-case
loading conditions. This allows for high speed data links
between two terminals.
LAYOUT AND SUPPLY DECOUPLING
Because of the high frequencies at which the ADM33xxE
oscillator operates, particular care should be taken with printed
circuit board layout, with all traces being as short as possible
and C1 to C3 being connected as close to the device as possible.
The use of a ground plane under and around the device is also
highly recommended.
When the oscillator starts up during Green Idle operation, large
current pulses are taken from VCC. For this reason, VCC should
be decoupled with a parallel combination of 10 μF tantalum and
0.1 μF ceramic capacitors, mounted as close to the VCC pin as
possible.
Capacitor C1 to Capacitor C3 can have values between 0.1 μF and 1
μF. Larger values give lower ripple. These capacitors can be either
electrolytic capacitors chosen for low equivalent series resistance
(ESR) or nonpolarized types, but the use of ceramic types is highly
recommended. If polarized electrolytic capacitors are used, polarity
must be observed (as shown by C1+).
ESD/EFT TRANSIENT PROTECTION SCHEME
The ADM33xxE uses protective clamping structures on all inputs
and outputs that clamp the voltage to a safe level and dissipate the
energy present in ESD (electrostatic) and EFT (electrical fast
transients) discharges. A simplified schematic of the protection
structure is shown in Figure 30 and Figure 31 (see Figure 32 and
Figure 33 for ADM3307E protection structure).
Each input and output contains two back-to-back high speed
clamping diodes. During normal operation with maximum RS-232
signal levels, the diodes have no effect as one or the other is reverse
biased depending on the polarity of the signal. If, however, the
voltage exceeds about ±50 V, reverse breakdown occurs and the
voltage is clamped at this level. The diodes are large p-n junctions
designed to handle the instantaneous current surge that can exceed
several amperes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com