Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP411 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP411
Description  High SPL Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP411 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP411 Datasheet HTML 4Page - Analog Devices ADMP411 Datasheet HTML 5Page - Analog Devices ADMP411 Datasheet HTML 6Page - Analog Devices ADMP411 Datasheet HTML 7Page - Analog Devices ADMP411 Datasheet HTML 8Page - Analog Devices ADMP411 Datasheet HTML 9Page - Analog Devices ADMP411 Datasheet HTML 10Page - Analog Devices ADMP411 Datasheet HTML 11Page - Analog Devices ADMP411 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADMP411
Rev. 0 | Page 9 of 12
PCB LAND PATTERN LAYOUT
The recommended PCB land pattern for the ADMP411 is laid
out to a 1:1 ratio to the solder pads on the microphone package,
as shown in Figure 13. Take care to avoid applying solder paste
to the sound hole in the PCB. A suggested solder paste stencil
pattern layout is shown in Figure 14. The diameter of the sound
hole in the PCB should be larger than the diameter of the sound
port of the microphone. A minimum diameter of 0.5 mm is
recommended.
Figure 13. PCB Land Pattern Layout (Dimensions Shown in Millimeters)
Figure 14. Suggested Solder Paste Stencil Pattern Layout
2.62
ø1.10
ø1.68
ø0.70 (2×)
ø0.90 (3×)
2.40
1.20
2.54
0.79
1.27
1.27mm
1.2mm
2.54mm
2.62mm
3.41mm
2.4mm
0.85mm DIA. (3×)
1.8mm/1.3mm DIA. 0.2032 CUT WIDTH (4×)
0.649mm DIA. (2×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com