Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1CC40PUR Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST1CC40PUR
Description  3 A monolithic step-down current source with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1CC40PUR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST1CC40PUR Datasheet HTML 22Page - STMicroelectronics ST1CC40PUR Datasheet HTML 23Page - STMicroelectronics ST1CC40PUR Datasheet HTML 24Page - STMicroelectronics ST1CC40PUR Datasheet HTML 25Page - STMicroelectronics ST1CC40PUR Datasheet HTML 26Page - STMicroelectronics ST1CC40PUR Datasheet HTML 27Page - STMicroelectronics ST1CC40PUR Datasheet HTML 28Page - STMicroelectronics ST1CC40PUR Datasheet HTML 29Page - STMicroelectronics ST1CC40PUR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Application information
ST1CC40
26/37
DocID18279 Rev 5
The overall losses are:
Equation 32
Equation 33
The junction temperature of the device is:
Equation 34
where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient. The junction-to-ambient (RthJ-A) thermal resistance of the device assembled in
HSO8 package and mounted on the board is about 40 °C/W.
Assuming the ambient temperature is around 40 °C, the estimated junction temperature is:
Equation 35
7.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit threshold,
the device disables the power element and it is able to reduce the conduction time down to
the minimum value (approximately 100 nsec typ.) to keep the inductor current limited. This
is the pulse-by-pulse current limitation to implement the constant current protection feature.
In overcurrent condition, the duty cycle is strongly reduced and, in most applications, this is
enough to limit the switch current to the current threshold.
The inductor current ripple during ON and OFF phases can be written as:
ON phase
Equation 36
OFF phase
Equation 37
where DCRL is the series resistance of the inductor.
PTOT
RDS(on)_HS IOUT

2 DR
DS(on)_LS
IOUT

2
1D
–

VIN IOUT fSW TSW

VIN IQ
++
+
=
PTOT
0,14 0,7
2 0,6 0,1 0,72 0,4

12
+
0,7 12 10
9
–
850 10
3
12 1,5 10
3
–

+

+

205mW
=
TJ
TA RthJA
–
PTOT
+
=
TJ
60 0,205 40 68
C
+
=
IL TON
VIN VOUT
–
DCRL RDS(on) HS
+
 I
–
L
------------------------------------------------------------------------------------------------- TON

=
IL TON
VOUT
DCRL RDS(on) LS
+
 I
+

–
L
----------------------------------------------------------------------------------------- TOFF

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com