Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP150 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP150
Description  Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 3 Page - Analog Devices

  ADP150 Datasheet HTML 1Page - Analog Devices ADP150 Datasheet HTML 2Page - Analog Devices ADP150 Datasheet HTML 3Page - Analog Devices ADP150 Datasheet HTML 4Page - Analog Devices ADP150 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0285
Rev. 0 | Page 3 of 5
The ADF4351 output match consists of the ZBIAS pull-up and, to
a lesser extent, the decoupling capacitors on the supply node. To
get a broadband match, it is recommended to use either a resistive
load (ZBIAS = 50 Ω) or a resistive in parallel with a reactive load for
ZBIAS. The latter gives slightly higher output power, depending on
the inductor chosen. Note that it is possible to place the parallel
resistor as a differential component (that is, 100 Ω) in Position
C1c to minimize board space (see Filter Type B, Table 2).
Design the filter with a cutoff approximately 1.2 times to 1.5 times
the highest frequency in the band of interest. This cutoff allows
margin in the design, because typically the cutoff is lower than
designed due to parasitics. The effect of printed circuit board
(PCB) parasitics can be simulated in an electromagnetic (EM)
simulation tool for improved accuracy.
Figure 3. ADF4351 RF Output Filter Schematic
As can be seen from Table 2, at frequencies lower than 1250 MHz,
a fifth-order filter is required. For 1.25 GHz to2.8 GHz, third-order
filtering is sufficient. For frequencies more than 2.8 GHz, filtering
is not required because the harmonic levels are sufficiently low
to meet the sideband suppression specifications.
Figure 4. Sideband Suppression for Filter Type B, 850 MHz to 2450 MHz
Figure 5. EVM Plot
A sweep of sideband suppression vs. frequency is shown in Figure 4
for the circuit using Filter Type B (800 MHz to 2400 MHz). In
this sweep, the test conditions were the following:
•
Baseband I/Q amplitude = 1 V p-p differential sine waves
in quadrature with a 500 mV (ADL5375-05) dc bias
•
Baseband I/Q frequency (fBB) = 1 MHz.
EVM is a measure of the quality of the performance of a digital
transmitter or receiver and is a measure of the deviation of the
actual constellation points from their ideal locations, due to
both magnitude and phase errors (see Figure 5).
EVM measurements are given in Table 3 comparing the results
with and without the filter. In this case, the baseband I/Q signals
were generated using 3GPP Test Model 4 using a Rohde & Schwarz
AMIQ I/Q modulation generator with differential I and Q analog
outputs. Filter Type B was also used. A block diagram of the test
setup for the EVM is shown in Figure 6. For comparative purposes,
the ADF4350 is also measured. Lower EVM due to in-band PLL
noise improvements on the ADF4351 can be seen in Table 3. Other
contributing factors to the EVM improvement are the lower
phase frequency detector (PFD) spurious levels on the ADF4351.
ADF4351
12
RFOUTA+
13
RFOUTA–
ADL5375
3
LOIP
4
LOIN
L1
L2
1nF
L1
L2
1nF
C1a
C1a
C1c
C2a
C2a
C2c
C3a
C3a
C3c
ZBIAS
ZBIAS
120pF
120pF
0.1µF
3.3V
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
800
1000
1200
1400
1600
1800
2000
2200
2400
CARRIER FREQUENCY (MHz)
5dBm
FILTER B: 850MHz TO 2450MHz
Q
I
ERROR
VECTOR
MEASURED
SIGNAL
PHASE ERROR
(I/Q ERROR PHASE)
MAGNITUDE ERROR
(I/Q ERROR PHASE)
IDEAL SIGNAL
(REFERENCE)
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com