Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232R Datasheet(PDF) 1 Page - Analog Devices

Part # FT232R
Description  USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FT232R Datasheet(HTML) 1 Page - Analog Devices

  FT232R Datasheet HTML 1Page - Analog Devices FT232R Datasheet HTML 2Page - Analog Devices FT232R Datasheet HTML 3Page - Analog Devices FT232R Datasheet HTML 4Page - Analog Devices FT232R Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0221
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport,visit www.analog.com/CN0221.
Devices Connected/Referenced
ADuCM360/
ADuCM361
Cortex-M3 Based Microcontroller with
Dual 24-Bit Σ-Δ ADCs
ADP1720-3.3
Low Dropout Linear Regulator
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog
Microcontroller and an External Thermocouple
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Board
CN-0221 Evaluation Board (EVAL-ADuCM360TCZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials, source code for
ADuCM360
CIRCUIT FUNCTION AND BENEFITS
This circuit uses the ADuCM360/ADuCM361 precision analog
microcontroller in an accurate thermocouple temperature
monitoring application. The ADuCM360/ADuCM361 integrates
dual 24-bit sigma-delta (Σ-Δ) analog-to-digital converters (ADCs),
dual programmable current sources, a 12-bit digital-to-analog
converter (DAC), and a 1.2 V internal reference, as well as an ARM
Cortex-M3 core, 126 kB flash, 8 kB SRAM, and various digital
peripherals such as UART, timers, SPIs, and I2C interfaces.
In the circuit, the ADuCM360/ADuCM361 is connected to a
thermocouple and a 100 Ω platinum resistance temperature
detector (RTD). The RTD is used for cold junction compensation.
In the source code, an ADC sampling rate of 4 Hz is chosen. When
the ADC input programmable gain amplifier (PGA) is configured
for a gain of 32, the noise-free code resolution of the ADuCM360/
ADuCM361 is greater than 18 bits.
ADuCM360
AIN5/IEXC
AVDD
IOVDD
AIN0
RxD
RxD
TxD
TxD
RESET
P2.2/BM
RESET
SD
VREF+
RREF
VREF–
AIN1
5.6k
Ω
0.1%
100
Ω
PtRTD
AIN2
THERMOCOUPLE
JUNCTION
AIN3
J1
AIN7/VBIAS
AGND
BEAD
3.3V
BEAD
USB HEADER
10Ω
10Ω
10Ω
0.01µF
0.01µF
0.1µF
4.7µF
4.7µF
0.1µF
10µF
IN
5V
D–
D+
GND
OUT
GND
ADP1720-3.3
FT232R
BEAD
FERRITE BEADS:
1kΩ @ 100MHz
TAIYO YUDEN
BK2125HS102-T
0.1µF
SHIELD
Figure 1. ADuCM360/ADuCM361 as a Temperature Monitor Controller with a Thermocouple Interface (Simplified Schematic, All Connections Not Shown)


Similar Part No. - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232R FTDI-FT232R Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
More results

Similar Description - FT232R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 1; 8/07
logo
STMicroelectronics
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com