Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLBC01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 19Page - STMicroelectronics STLBC01 Datasheet HTML 20Page - STMicroelectronics STLBC01 Datasheet HTML 21Page - STMicroelectronics STLBC01 Datasheet HTML 22Page - STMicroelectronics STLBC01 Datasheet HTML 23Page - STMicroelectronics STLBC01 Datasheet HTML 24Page - STMicroelectronics STLBC01 Datasheet HTML 25Page - STMicroelectronics STLBC01 Datasheet HTML 26Page - STMicroelectronics STLBC01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
DocID022984 Rev 2
23/40
STLBC01
Host controller interface (HCI)
6.2
HCI SPI transport layer
The STBLC01 features a proprietary HCI SPI transport level which may allow the
host/controller system to reach lower power consumption by using lower clock frequencies.
HCI commands sent and events received over the SPI transport layer are identical to the
ones sent/received over the UART transport level. The STBLC01 supports only slave mode
SPI. The maximal SPI speed is 10 MHz. STBLC01 HCI events are signalled to host thought
the assertion of the IRQ pin. When this occurs, the host sends a clock so that event can be
read. Pin IRQ is also used to inform the host that the STBLC01 has data coming from RF
communication to send. The procedures to read events or data are exactly the same.
6.2.1
SPI interface
The STBLC01 includes a 5-wire, 8-bit, MSB first, Motorola compatible with CPOL=0,
CPHA=0 SPI interface. Only half-duplex transport is supported. The SPI interface is defined
through the following pins:
CSN: chip select signal. This signal is active low and it is mandatory, even when only 1
slave device is connected to the host
SPI_SCK: SPI clock signal. When CSN is active, the host sends to the controller a
number of clock cycles in multiples of 8 bits during each SPI transaction. When CSN is
not active, the STBLC01 ignores any signal sent to this pin. This allows the host to set
a clock signal to serve other devices
SPI_MOSI: Host to controller transfer data line. The host generates data on the
negative edge and samples data on the positive edge of the SPI_SCK signal. SPI data
is sent in byte format, with the most significant bit (MSB) first.
SPI_MISO: Controller to the host transfer data line. When CSN is active, controller
generated data on the negative edge and sample data on the positive edge of the
SPI_SCK signal. When CSN is inactive, the controller sets this output in tristate mode.
SPI data is sent in byte format, with the most significant bit (MSB) first.
IRQ: Interrupt request. This signal is set by the controller when an event needs to be
sent to the host.
6.2.2
SPI flow control
The STBLC01 features a proprietary flow control for all communications over SPI both from
the host to the controller and from the controller to the host. Each SPI transaction is done for
8 bits of data.
Host to controller flow
When the host needs to communicate with the controller, the following flow is followed:
1.
Host sets the MOSI signal to '1'.
2.
Host activates CSN after 100 ns.
3.
Host polls MISO line. The first polling is done at least 100 ns after CSN is activated.
4.
If MISO = '0' then the controller reception buffer is full and the host is not allowed to
start the transaction.
5.
If MISO = '1' then the controller reception buffer is not full and the host can start the
transaction. After each set of 8 rising edges of SPI_SCK, the host polls the MISO line to
check whether the controller reception buffer is not full. The first polling can be done on
the first SPI_SCK falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com