Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH4253DPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IRFH4253DPBF
Description  Control and Synchronous MOSFETs for synchronous buck converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4253DPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRFH4253DPBF Datasheet HTML 4Page - International Rectifier IRFH4253DPBF Datasheet HTML 5Page - International Rectifier IRFH4253DPBF Datasheet HTML 6Page - International Rectifier IRFH4253DPBF Datasheet HTML 7Page - International Rectifier IRFH4253DPBF Datasheet HTML 8Page - International Rectifier IRFH4253DPBF Datasheet HTML 9Page - International Rectifier IRFH4253DPBF Datasheet HTML 10Page - International Rectifier IRFH4253DPBF Datasheet HTML 11Page - International Rectifier IRFH4253DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
 
IRFH4253DPbF
12
www.irf.com
© 2013 International Rectifier
June 10, 2013
IR WORLD HEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
††
Applicable version of JEDEC standard at the time of product release.
Qualification Information
†  
Qualification level
Industrial
(per JEDEC JESD47F †† guidelines )
Moisture Sensitivity Level
DUAL PQFN 5mm x 6mm
MSL2
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C,
Q1: L = 0.14mH, RG = 50, IAS = 30A;
Q2: L = 0.32mH, RG = 50, IAS = 60A.
Pulse width ≤ 400µs; duty cycle ≤ 2%.
Ris measured at TJ approximately 90°C.
When mounted on 1 inch square PCB (FR-4). Please refer to AN-994 for more details:
http://www.irf.com/technical-info/appnotes/an-994.pdf
Calculated continuous current based on maximum allowable junction temperature.
Current is limited to Q1 = 45A & Q2 = 45A by source bonding technology.
Pulsed drain current is limited by source bonding technology.
Dual PQFN 5x6 Outline Tape and Reel
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com