Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4660DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4660DPBF
Description  INDUSTRIAL MOTOR DRIVE, INVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4660DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4660DPBF Datasheet HTML 1Page - International Rectifier IRGP4660DPBF Datasheet HTML 2Page - International Rectifier IRGP4660DPBF Datasheet HTML 3Page - International Rectifier IRGP4660DPBF Datasheet HTML 4Page - International Rectifier IRGP4660DPBF Datasheet HTML 5Page - International Rectifier IRGP4660DPBF Datasheet HTML 6Page - International Rectifier IRGP4660DPBF Datasheet HTML 7Page - International Rectifier IRGP4660DPBF Datasheet HTML 8Page - International Rectifier IRGP4660DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.irf.com © 2012 International Rectifier
January 8, 2013
2
IRGP4660DPbF/IRGP4660D-EPbF
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 200μH, RG = 10.
‚ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
ƒ Pulse width limited by max. junction temperature.
„ Ris measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter BreakdownVoltage
600
—
—
V
VGE = 0V, IC = 150μA
d
V(BR)CES/T J
T emperatureCoeff. of BreakdownVoltage
—0.30
—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
—
1.60
1.90
IC = 48A, VGE = 15V, TJ = 25°C
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.90
—
V
IC = 48A, VGE = 15V, TJ = 150°C
—2.00
—
IC = 48A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 1.4mA
VGE(th)/T J
Threshold Voltage temp. coefficient
—
-21
—
mV/°C VCE = VGE, IC = 1.0mA (25°C - 175°C)
gfe
Forward Transconductance
—
32
—
S
VCE = 50V, IC = 48A, PW = 80μs
ICES
Collector-to-Emitter Leakage Current
—
1.0
150
μAVGE = 0V, VCE = 600V
—
450
1000
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
—
1.95
2.91
V
IF = 48A
—1.45
—
IF = 48A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Qg
Total Gate Charge (turn-on)
—
95
140
IC = 48A
Qge
Gate-to-Emitter Charge (turn-on)
—
28
42
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
35
53
VCC = 400V
Eon
Turn-On Switching Loss
—
625
1141
IC = 48A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
1275
1481
μJRG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
1900
2622
E nergy los s es includetail & diode revers erecovery
td(on)
Turn-On delay time
—
60
78
IC = 48A, VCC = 400V, VGE = 15V
tr
Rise time
—
4056ns
RG = 10
, L = 200μH, LS = 150nH, TJ = 25°C
td(off)
Turn-Off delay time
—
145
176
tf
Fall time
—
35
46
Eon
Turn-On Switching Loss
—
1625
—
IC = 48A, VCC = 400V, VGE=15V
Eoff
Turn-Off Switching Loss
—
1585
—
μJRG=10
, L=200μH, LS=150nH, TJ = 175°C
Etotal
Total Switching Loss
—
3210
—
E nergy los s es includetail & diode revers erecovery
td(on)
Turn-On delay time
—
55
—
IC = 48A, VCC = 400V, VGE = 15V
tr
Rise time
—
45
—
ns
RG = 10
, L = 200μH, LS = 150nH
td(off)
Turn-Off delay time
—
165
—
TJ = 175°C
tf
Fall time
—
45
—
Cies
Input Capacitance
—
3025
—
pF
VGE = 0V
Coes
Output Capacitance
—
245
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
90
—
f = 1.0Mhz
TJ = 175°C, IC = 192A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
Rg = 10
, VGE = +15V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
μsVCC = 400V, Vp =600V
Rg = 10
, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
—
845
—
μJTJ = 175°C
trr
Diode Reverse Recovery Time
—
115
—
ns
VCC = 400V, IF = 48A
Irr
Peak Reverse Recovery Current
—
40
—
A
VGE = 15V, Rg = 10, L =200μH, Ls = 150nH
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com