Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM836-024MATR Datasheet(PDF) 14 Page - International Rectifier

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-024MATR Datasheet(HTML) 14 Page - International Rectifier

Back Button IRSM836-024MATR Datasheet HTML 10Page - International Rectifier IRSM836-024MATR Datasheet HTML 11Page - International Rectifier IRSM836-024MATR Datasheet HTML 12Page - International Rectifier IRSM836-024MATR Datasheet HTML 13Page - International Rectifier IRSM836-024MATR Datasheet HTML 14Page - International Rectifier IRSM836-024MATR Datasheet HTML 15Page - International Rectifier IRSM836-024MATR Datasheet HTML 16Page - International Rectifier IRSM836-024MATR Datasheet HTML 17Page - International Rectifier IRSM836-024MATR Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IRSM836-024MA
14
www.irf.com
© 2013 International Rectifier
February 3, 2013
PCB Example
Figure 7 below shows an example layout for the application PCB. The effective area of the V+ top-layer
copper plane is ~3cm² in this example. For an FR4 PCB with 1oz copper, Rth(J-A) is about 40°C/W. A lower Rth(J-A)
can be achieved using thicker copper and/or additional layers.
Figure 7: PCB layout example and corresponding thermal image (6kHz, 2P, 2oz,
∆Tca=40°C, V+ = 150V, Iu = 427mArms, Po
= 94W)
At the module’s typical operating conditions, dV/dt of the phase node voltage is influenced by the load
capacitance which includes parasitic capacitance of the PCB, MOSFET output capacitance and motor winding
capacitance. To turn off the MOSFET, the load capacitance needs to be charged by the phase current. For the
IRMCS1171 reference design, turn-off dV/dt ranges from 2 to 5 V/ns depending on the phase current magnitude.
Turn-on dV/dt is influenced by PCB parasitic capacitance and motor winding capacitance and typically ranges
from 4 to 6 V/ns. The MOSFET turn-on loss combined with the complimentary body diode reverse recovery loss
comprises the majority of the total switching losses. Two-phase modulation can be used to reduce switching
losses and run the module at higher phase currents.
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com