Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0810821 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0810821
Description  Surge protection plug for the base element, coarse protection for four signal lines grounded on one side.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0810821 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0810821 Datasheet HTML 1Page - PHOENIX CONTACT 0810821 Datasheet HTML 2Page - PHOENIX CONTACT 0810821 Datasheet HTML 3Page - PHOENIX CONTACT 0810821 Datasheet HTML 4Page - PHOENIX CONTACT 0810821 Datasheet HTML 5Page - PHOENIX CONTACT 0810821 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PT 4-F-ST Order No.: 2858441
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2858441
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 1, 2011
Total surge current (8/20) µs
20 kA
Max. discharge surge current Imax (8/20) µs
maximum (Core-Earth)
20 kA
Lightning test current (10/350) µs, peak value limp
2.5 kA (per path)
Output voltage limitation at 1 kV/µs (Core-Earth)
spike
≤ 450 V
Output voltage limitation at 1 kV/µs (Core-Earth)
static
≤ 25 V
Protection level UP (Core-Earth)
≤ 450 V
Response time tA (Core-Core)
≤ 100 ns
Response time tA (Core-Earth)
≤ 100 ns
Input attenuation aE, asym.
0.1 dB (≤ 1 MHz)
Cut-off frequency fg (3 dB), asym. (GND) in 50
Ohm system
Typ. 100 MHz
Capacity (Core-Earth)
2 pF
Max. required back-up fuse
2 A
Surge carrying capacity in acc. with IEC 61643-21
(Core-Earth)
C2 (10 kV/5 kA)
C1 (1 kV / 500 A)
C3 (100 A)
D1 (2.5 kA)
Connection data
Type of connection
Screw connection (in connection with the base element)
Connection type IN
PLUGTRAB plug-in system
Connection type OUT
PLUGTRAB plug-in system
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Connection, protective circuit
Standards/regulations
IEC 61643-21
DIN EN 61643-21
UL 497B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com