Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3334 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3334
Description  Evaluating the CN-0285 Wideband Tx Modulator Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 3 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Evaluation Board User Guide
UG-521
Rev. 0 | Page 3 of 8
EVALUATION BOARD HARDWARE
POWER SUPPLIES
The user must apply 5.5 V to the VSUPPLY power connectors
(4 mm banana connectors). An LED, D6, indicates when USB
power is available, and another LED, D5, indicates when the
main board is powered. Switch SW-EXT is used to switch in the
5.5 V supply.
IQ INPUTS
The ADL5375 has four differential IQ inputs. These are accessi-
ble from the SMA connectors and should be connected to an
appropriate analog baseband IQ source such as the Rhode &
Schwarz AMIQ. Set the dc bias voltage for the IQ inputs at 0.5 V.
RF/LO OUTPUTS
The ADL5375 RF output is ac-coupled out to the RFOUT SMA.
There are also two LO output SMA connectors that can be used
to view the filtered ADF4351 RF outputs on a spectrum analyzer.
When connecting to an analyzer, terminate the unused LO
output with a 50 Ω termination. When measuring EVM or
adjacent channel leakage current (ACLR), disconnect these LO
outputs by removing Capacitors C72 and C73 to prevent
loading the circuit.
LOOP FILTER AND CHARGE PUMP CURRENT
The loop filter schematic is included in the evaluation board
and can be found at www.analog.com/CN0285-DesignSupport.
The default loop filter is set to 70 kHz. Using a charge pump
setting of 2.5 mA is recommended.
Figure 2. Loop Filter Layout
REFERENCE SOURCE
The 25 MHz TCXO from Rakon provides the necessary
reference signal. An external REFIN can be used if desired.
In this case, disable the on-board TCXO by removing R59.
R9 can be populated with 50 Ω to match the impedance of the
evaluation board to the external reference source.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com