Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOS628A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOS628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS628A Datasheet(HTML) 4 Page - Vishay Siliconix

  VOS628A Datasheet HTML 1Page - Vishay Siliconix VOS628A Datasheet HTML 2Page - Vishay Siliconix VOS628A Datasheet HTML 3Page - Vishay Siliconix VOS628A Datasheet HTML 4Page - Vishay Siliconix VOS628A Datasheet HTML 5Page - Vishay Siliconix VOS628A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VOS628A Series
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 27-Oct-11
4
Document Number: 83466
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Leakage Current vs. Ambient Temperature
Fig. 5 - Collector Current vs. Collector Emitter Voltage (sat)
Fig. 6 - Normalized CTR (sat) vs. Ambient Temperature
Fig. 7 - Normalized CTR (NS) vs. Ambient Temperature
Fig. 8 - FCTR vs. IC
IF - Forward Current (mA)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
10
100
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
T
amb = - 40 °C
T
amb = 110 °C
Tamb - Ambient Temperature (°C)
0.001
0.01
0.1
1
10
100
1000
10 000
- 40
- 15
10
35
60
85
110
I
F = 0 mA
V
CE = 40 V
V
CE = 12 V
V
CE = 24 V
VCE - Collector Emitter Voltage (sat) (V)
0
2
4
6
8
10
12
14
0
0.1
0.2
0.3
0.4
I
F = 2 mA
I
F = 1 mA
I
F = 5 mA
Tamb - Ambient Temperature (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 40
- 15
10
35
60
85
110
V
CE = 0.4 V
I
F = 5 mA
I
F = 1 mA
Tamb - Ambient Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
35
10
- 15
- 40
60
85
110
V
CE = 5 V
I
F = 5 mA
I
F = 1 mA
IC (mA)
1
10
100
0.1
1
10
100
V
CC = 5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com