Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP04FS Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMP04FS
Description  Precision Single Supply Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMP04FS Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMP04FS Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMP04FS Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AMP04–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AMP04E
AMP04F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
30
150
300
µV
–40
°C ≤ TA ≤ +85°C
300
600
µV
Input Offset Voltage Drift
TCVIOS
36
µV/°C
Output Offset Voltage
VOOS
0.5
1.5
3
mV
–40
°C ≤ TA ≤ +85°C3
6
mV
Output Offset Voltage Drift
TCVOOS
30
50
µV/°C
INPUT CURRENT
Input Bias Current
IB
22
30
40
nA
–40
°C ≤ TA ≤ +85°C50
60
nA
Input Bias Current Drift
TCIB
65
65
pA/
°C
Input Offset Current
IOS
15
10
nA
–40
°C ≤ TA ≤ +85°C10
15
nA
Input Offset Current Drift
TCIOS
8
8
pA/
°C
INPUT
Common-Mode Input Resistance
4
4
G
Ω
Differential Input Resistance
4
4
G
Ω
Input Voltage Range
VIN
0
3.0
0
3.0
V
Common-Mode Rejection
CMR
0 V
≤ VCM ≤ 3.0 V
G = 1
60
80
55
dB
G = 10
80
100
75
dB
G = 100
90
105
80
dB
G = 1000
90
105
80
dB
Common-Mode Rejection
CMR
0 V
≤ VCM ≤ 2.5 V
–40
°C ≤ TA ≤ +85°C
G = 1
55
50
dB
G = 10
75
70
dB
G = 100
85
75
dB
G = 1000
85
75
dB
Power Supply Rejection
PSRR
4.0 V
≤ VS ≤ 12 V
–40
°C ≤ TA ≤ +85°C
G = 1
95
85
dB
G = 10
105
95
dB
G = 100
105
95
dB
G = 1000
105
95
dB
GAIN (G = 100 K/RGAIN)
Gain Equation Accuracy
G = 1 to 100
0.2
0.5
0.75
%
G = 1 to 100
–40
°C ≤ TA ≤ +85°C
0.8
1.0
%
G = 1000
0.4
0.75
%
Gain Range
G
1
1000
1
1000
V/V
Nonlinearity
G = 1, RL = 5 k
Ω
0.005
%
G = 10, RL = 5 k
Ω
0.015
%
G = 100, RL = 5 k
Ω
0.025
%
Gain Temperature Coefficient
∆G/∆T
30
50
ppm/
°C
OUTPUT
Output Voltage Swing High
VOH
RL = 2 k
Ω
4.0
4.2
4.0
V
RL = 2 k
Ω
–40
°C ≤ TA ≤ +85°C
3.8
3.8
V
Output Voltage Swing Low
VOL
RL = 2 k
Ω
–40
°C ≤ TA ≤ +85°C
2.0
2.5
mV
Output Current Limit
Sink
30
30
mA
Source
15
15
mA
REV. B
–2–
(VS = 5 V, VCM = 2.5 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com