Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558F Datasheet(PDF) 13 Page - Rohm

Part # BA4558F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 13 Page - Rohm

Back Button BA4558F Datasheet HTML 9Page - Rohm BA4558F Datasheet HTML 10Page - Rohm BA4558F Datasheet HTML 11Page - Rohm BA4558F Datasheet HTML 12Page - Rohm BA4558F Datasheet HTML 13Page - Rohm BA4558F Datasheet HTML 14Page - Rohm BA4558F Datasheet HTML 15Page - Rohm BA4558F Datasheet HTML 16Page - Rohm BA4558F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Technical Note
13/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-6
-4
-2
0
2
4
6
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-40℃
85℃
25℃
VOH
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
VOL
VOL
VOH
BA4558 family
BA4558 family
BA4558 family
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
70
80
±0
±2
±4
±6
±8
±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-40℃
25℃
85℃
±4V
±7.5V
±15V
±15V
±7.5V
±4V
BA4558 family
BA4558 family
BA4558 family
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
BA4558F
BA4558 family
25℃
85℃
BA4558 family
-40℃
BA4558 family
±4 V
±15V
±7.5 V
85
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
-20
-15
-10
-5
0
5
10
15
20
±2
±4
±6
±8
±10 ±12 ±14 ±16 ±18
SUPPLY VOLTAGE [V]
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
VOH
VOH
VOL
VOL
BA4558 family
BA4558 family
BA4558 family
●
Reference Data BA4558 family
Fig. 1
Derating Curve
Fig. 2
Supply Current - Supply Voltage
Fig.3
Supply Current - Ambient Temperature
Fig.4
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15[V]/-15[V], Ta=25[℃])
Fig.5
Maximum Output Voltage
- Load Resistance
(VCC/VEE=+15[V]/-15[V], Ta=25[℃])
Fig.6
Maximum Output Voltage
- Supply Voltage
(RL=2[kΩ], Ta=25[℃])
Fig.7
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ])
Fig.8
Maximum Output Voltage
- Output Current
(VCC/VEE=+15[V]/-15[V], Ta=25[℃])
Fig.9
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
Fig.10
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Fig.11
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
Fig.12
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
(*)The above data is ability value of sample, it is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com