Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558RF Datasheet(PDF) 38 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 38 Page - Rohm

Back Button BA4558RF Datasheet HTML 34Page - Rohm BA4558RF Datasheet HTML 35Page - Rohm BA4558RF Datasheet HTML 36Page - Rohm BA4558RF Datasheet HTML 37Page - Rohm BA4558RF Datasheet HTML 38Page - Rohm BA4558RF Datasheet HTML 39Page - Rohm BA4558RF Datasheet HTML 40Page - Rohm BA4558RF Datasheet HTML 41Page - Rohm BA4558RF Datasheet HTML 42Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Technical Note
38/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
30
60
90
120
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
●
Reference Data BA4510 family
(*)The above data is ability value of sample, it is not guaranteed.
0.001
0.01
0.1
1
0.01
0.1
1
10
OUTPUT VOLTAGE [Vrms]
0
2
4
6
8
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
SUPPLY VOLTAGE [V]
0
10
20
30
40
1
10
100
1000
10000
FREQUENCY [Hz]
0
20
40
60
80
100
120
-5 0
-25
0
25
50
75
100
AMBIEN T TEMPER ATUR E [°C]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
BA4510 family
BA4510 family
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
Input Offset Voltage
- Common Mode Input Voltage
(VCC/VEE=2.5[V]/-2.5[V])
±3.5V
±2.5V
±1.5V
BA4510 family
0
10
20
30
40
50
60
1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
Phase
Gain
BA4510 family
BA4510 family
-20
-15
-10
-5
0
5
-3
-2
-1
0123
COMMON MODE INPUT VOLTAGE [V]
-20℃
25℃
75℃
BA4510 family
75°C
-20°C
25°C
BA4510 family
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=2.5[V]/-2.5[V])
BA4510 family
BA4510 family
0
2
4
6
8
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±1.5V
±2.5V
±3.5V
Voltage Gain - Frequency
(VCC/VEE=2.5[V]/-2.5[V], Av=40[dB], RL=10[kΩ])
Fig. 277
Fig. 278
Fig. 279
Fig. 280
Fig. 281
Fig. 282
Fig. 283
Fig. 284
Fig. 285
Fig. 286
Fig. 287
1kHz
20Hz
20kHz
BA4510 family
±1.5V
±2.5V
±3.5V
Large Signal Voltage Gain
- Ambient Temperature
Common Mode Rejection Ratio
- Ambient Temperature
Power Supply Rejection Ratio
- Ambient Temperature
BA4510 family
Total Harmonic Distortion - Output Voltage
(VCC/VEE=2.5[V]/-2.5[V], RL=3[kΩ]80[kHz]-LPF,Ta=25[℃])
Slew Rate L-H - Ambient Temperature
Slew Rate H-L - Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com