Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1615-FSZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS1615-FSZ
Description  Single Stage Dimmable Offline AC/DC Controller for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1615-FSZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS1615-FSZ Datasheet HTML 8Page - Cirrus Logic CS1615-FSZ Datasheet HTML 9Page - Cirrus Logic CS1615-FSZ Datasheet HTML 10Page - Cirrus Logic CS1615-FSZ Datasheet HTML 11Page - Cirrus Logic CS1615-FSZ Datasheet HTML 12Page - Cirrus Logic CS1615-FSZ Datasheet HTML 13Page - Cirrus Logic CS1615-FSZ Datasheet HTML 14Page - Cirrus Logic CS1615-FSZ Datasheet HTML 15Page - Cirrus Logic CS1615-FSZ Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS1615/16
12
DS961F1
6. PACKAGE DRAWING
1. Controlling dimensions are in millimeters.
2. Dimensioning and tolerances per ASME Y14.5M.
3. This drawing conforms to JEDEC outline MO-153, variation AB.
4. Recommended reflow profile is per JEDEC/IPC J-STD-020.
mm
inch
Dimension
MIN
NOM
MAX
MIN
NOM
MAX
A
- -
- -
1.20
- -
- -
0.047
A1
0.05
- -
0.15
0.002
- -
0.006
b
0.19
- -
0.30
0.007
- -
0.012
C
0.09
- -
0.20
0.004
- -
0.008
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.40 BSC
0.252 BSC
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65 BSC
0.026 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
Θ
- -8°
0°- -8°
aaa
0.10
0.004
bbb
0.10
0.004
ddd
0.20
0.008
16-PIN TSSOP (173 MIL BODY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com