Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT489TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT489TA
Description  SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT489TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT489TA Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE3 - OCTOBER 1995
7
FEATURES
* Very low equivalent on-resistance; RCE(sat) 175mΩ at 1A
COMPLEMENTARY TYPE –
FMMT589
PARTMARKING DETAIL –
489
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Peak Pulse Current
ICM
4A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
50
V
IC=100µA
VCEO(sus)
30
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
100
nA
VCB=30V
ICES
100
nA
VCES=30V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.3
0.6
V
V
IC=1A, IB=100mA*
IC=2A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=1A, IB=100mA*
Base-Emitter
Turn On Voltage
VBE(on)
1.0
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
100
100
60
20
300
IC=1mA, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
IC=4A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical characteristics graphs see FMMT449 datasheet
FMMT489
C
B
E
3 - 114


Similar Part No. - FMMT489TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT489 ZETEX-FMMT489 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT489TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT494 DIODES-FMMT494 Datasheet
131Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT449TA DIODES-FMMT449TA Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCX41 DIODES-BCX41_15 Datasheet
49Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
AUGUST 2003
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com