Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSRF860G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSRF860G
Description  SWITCHMODE Soft Recovery Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRF860G Datasheet(HTML) 1 Page - ON Semiconductor

  MSRF860G Datasheet HTML 1Page - ON Semiconductor MSRF860G Datasheet HTML 2Page - ON Semiconductor MSRF860G Datasheet HTML 3Page - ON Semiconductor MSRF860G Datasheet HTML 4Page - ON Semiconductor MSRF860G Datasheet HTML 5Page - ON Semiconductor MSRF860G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2008
June, 2008 − Rev. 5
1
Publication Order Number:
MSR860/D
MSR860, MSRF860
SWITCHMODEt Soft
Recovery Power Rectifiers
Plastic TO−220 Package
These state−of−the−art devices are designed for use as free wheeling
diodes in variable speed motor control applications and switching
power supplies.
Features
• Soft Recovery with Guaranteed Low Reverse Recovery Charge
(QRR) and Peak Reverse Recovery Current (IRRM)
• 150°C Operating Junction Temperature
• Epoxy meets UL 94 V−0 @ 0.125 in
• Low Forward Voltage
• Low Leakage Current
• Pb−Free Package is Available
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads Readily Solderable
• Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
Average Rectified Forward Current
(Rated VR, TC = 125°C)
IO
8.0
A
Peak Repetitive Forward Current (Rated
VR, Square Wave, 20 kHz, TC = 125°C)
IFRM
16
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Storage/Operating Case Temperature
Tstg, TC −65 to +150
°C
Operating Junction Temperature
TJ
−65 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
MSR860
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Ambient
RqJC
RqJA
1.6
72.8
°C/W
MSRF860
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Ambient
RqJC
RqJA
4.75
75
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Device
Package
Shipping
ORDERING INFORMATION
MSR860
TO−220AC
TO−220AC
CASE 221B
STYLE 1
50 Units/Rail
3
4
1
SOFT RECOVERY
POWER RECTIFIER
8.0 AMPERES, 600 VOLTS
1
3
4
http://onsemi.com
MSR860G
TO−220AC
(Pb−Free)
50 Units/Rail
MARKING DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
KA
= Diode Polarity
AY WWG
MSR860
KA
AY WWG
MSRF860
KA
MSRF860G
TO−220FP
(Pb−Free)
50 Units/Rail
TO−220 FULLPAK
CASE 221E
STYLE 1
3
4
1


Similar Part No. - MSRF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSRF860G ONSEMI-MSRF860G Datasheet
125Kb / 6P
Switch-mode Soft Recovery Power Rectifiers
February, 2014 ??Rev. 6
More results

Similar Description - MSRF860G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSRD620CT ONSEMI-MSRD620CT Datasheet
73Kb / 6P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
August, 2004 ??Rev. 3
logo
Mospec Semiconductor
F20C20 MOSPEC-F20C20 Datasheet
189Kb / 2P
Switchmode Dual Fast Recovery Power Rectifiers
logo
List of Unclassifed Man...
F10C20 ETC-F10C20 Datasheet
180Kb / 2P
Switchmode Dual Fast Recovery Power Rectifiers
logo
ON Semiconductor
MSR1560 ONSEMI-MSR1560 Datasheet
47Kb / 8P
SWITCHMODE Soft Recovery Power Rectifier
October, 2000 ??Rev. 2
MSR1560 ONSEMI-MSR1560_06 Datasheet
60Kb / 6P
SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSR860 ONSEMI-MSR860 Datasheet
64Kb / 5P
SWITCHMODE Soft Recovery Power Rectifier
February, 2006 ??Rev. 3
MSRD620CTRG ONSEMI-MSRD620CTRG Datasheet
130Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
MSRD620CTG ONSEMI-MSRD620CTG_12 Datasheet
156Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Power Rectifier
January, 2012 ??Rev. 7
MSRD620CTRG ONSEMI-MSRD620CTRG_12 Datasheet
137Kb / 5P
SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
January, 2012 ??Rev. 3
logo
Thinki Semiconductor Co...
F20C05 THINKISEMI-F20C05 Datasheet
367Kb / 2P
Switchmode Dual Fast Recovery Power Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com