Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSRF860 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MSRF860
Description  SWITCHMODE Soft Recovery Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRF860 Datasheet(HTML) 5 Page - ON Semiconductor

  MSRF860 Datasheet HTML 1Page - ON Semiconductor MSRF860 Datasheet HTML 2Page - ON Semiconductor MSRF860 Datasheet HTML 3Page - ON Semiconductor MSRF860 Datasheet HTML 4Page - ON Semiconductor MSRF860 Datasheet HTML 5Page - ON Semiconductor MSRF860 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MSR860, MSRF860
http://onsemi.com
5
Figure 15. Thermal Response, (MSRF860) Junction−to−Case (RqJC)
t, TIME (s)
0.1
10
0.001
1.0
10
100
1000
0.1
0.000001
ZqJC(t) = r(t) RqJC
RqJC = 1.6°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
Figure 16. Thermal Response, (MSRF860) Junction−to−Ambient (RqJA)
t, TIME (s)
0.1
100
0.001
1.0
10
100
1000
0.1
0.000001
ZqJC(t) = r(t) RqJC
RqJC = 1.6°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.1
0.05
0.01
SINGLE PULSE
0.2
0.02
1.0
0.01
0.01
0.001
0.0001
0.00001
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com