Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7623 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7623
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7623 Datasheet HTML 16Page - Analog Devices AD7623 Datasheet HTML 17Page - Analog Devices AD7623 Datasheet HTML 18Page - Analog Devices AD7623 Datasheet HTML 19Page - Analog Devices AD7623 Datasheet HTML 20Page - Analog Devices AD7623 Datasheet HTML 21Page - Analog Devices AD7623 Datasheet HTML 22Page - Analog Devices AD7623 Datasheet HTML 23Page - Analog Devices AD7623 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 22 of 24
APPLICATIONS INFORMATION
LAYOUT
Design the printed circuit board that houses the AD7960 so that
the analog and digital sections are separated and confined to
certain areas of the board. Avoid running digital lines under the
device because these couple noise onto the device unless a
ground plane under the AD7960 is used as a shield. Do not run
fast switching signals, such as CNV± or CLK±, near analog
signal paths. Avoid crossover of digital and analog signals. Use
at least one ground plane. It can be common or split between
the digital and analog sections. In the latter case, join the planes
underneath the AD7960 devices.
The AD7960 voltage reference input pin, REF, has dynamic
input impedance. Decouple REF with minimal parasitic
inductances by placing the reference decoupling ceramic
capacitor close to and, ideally, right up against the REF and
REF_GND pins and connecting them with wide, low impedance
traces.
Finally, decouple the VDD1, VDD2, and VIO power supplies of
the AD7960 with ceramic capacitors, typically 100 nF, placed
close to the AD7960 and connected using short, wide traces to
provide low impedance paths and to reduce the effect of glitches
on the power supply lines.
EVALUATING AD7960 PERFORMANCE
Other recommended guidelines for the AD7960 schematic and
layout are outlined in the user guide of the EVAL-AD7960FMCZ
board (UG-490). The fully assembled and tested evaluation
board, user guide, and software for controlling the EVAL-
AD7960FMCZ board from a PC via the EVAL-SDP-CH1Z are
available from the Analog Devices website at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com