Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E2E
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E2E Datasheet HTML 17Page - Omron Electronics LLC E2E Datasheet HTML 18Page - Omron Electronics LLC E2E Datasheet HTML 19Page - Omron Electronics LLC E2E Datasheet HTML 20Page - Omron Electronics LLC E2E Datasheet HTML 21Page - Omron Electronics LLC E2E Datasheet HTML 22Page - Omron Electronics LLC E2E Datasheet HTML 23Page - Omron Electronics LLC E2E Datasheet HTML 24Page - Omron Electronics LLC E2E Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
E2E
21
I/O Circuit Diagrams
E2E-X
@D@ DC 2-Wire Models
Operation
mode
Model
Timing Chart
Output circuit
Without
self-
diagnostic
output:
NO
E2E-X
@D1-N
E2E-X
@D1-M1G(J)
E2E-X
@D1-(M1TGJ)-U
E2E-X
@D1-M3G
E2E-X
@D1-M1J-T
Without
self-
diagnostic
output:
NC
E2E-X
@D2-N
E2E-X
@D2-M1G
E2E-X
@D2-(M1TGJ)-U
E2E-X
@D2-M3G
With self-
diagnostic
output:
NO
E2E-X
@D1S
E2E-X
@D1S-M1
(%)
80
0
100
Sensing
object
Rated
sensing
distance
Stable sensing area
Non-sensing
area
Unstable
sensing
area
Set position
Proximity Sensor
ON
OFF
ON
OFF
ON
OFF
Setting indicator
(green)
Operation
indicator (red)
Control output
0 V
+V
4
1
Load
Brown
Blue
Polarity: Yes
Note: The load can be connected to either the
+V or 0 V side.
Prox-
imity
Sensor
main
circuit
0 V
(+V)
+V
(0 V)
3
4
Load
Prox-
imity
Sensor
main
circuit
Polarity: None
Note 1. The load can be connected to either the +V or
0 V side.
2. The E2E-X
@D1-M1J-T has no polarity.
Therefore, terminals 3 and 4 have no polarity.
0
(%)
100
Sensing
object
Rated
sensing
distance
Sensing area
Non-sensing
area
Proximity Sensor
ON
OFF
ON
OFF
Operation
indicator (red)
Control output
0 V
+V
2
1
Load
Brown
Blue
Note: The load can be connected to either the +V
or 0 V side.
Prox-
imity
Sensor
main
circuit
(%)
800
100
Sensing
object
Rated
sensing
distance
Stable sensing area
Non-sensing
area
Unstable
sensing
area
Set position
Proximity Sensor
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Setting indicator
(green)
Operation
indicator (red)
Control output
Diagnostic output*
* The diagnostic output is ON when there is a coil
burnout or the sensing object is located in the
unstable sensing area for 0.3 s or longer.
+V
+V
0
Load
Load
Brown (4)
Orange (2)
(diagnostic
output)
Blue (3)
Note: Connect both the loads to the +V side of
the control output and diagnostic output.
Prox-
imity
Sensor
main
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com