Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3B2-R5M4D-US Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3B2-R5M4D-US
Description  Plug-in Base, Long Range Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3B2-R5M4D-US Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3B2-R5M4D-US Datasheet HTML 1Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 2Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 3Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 4Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 5Page - Omron Electronics LLC E3B2-R5M4D-US Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
E3B2
E3B2
2
Method of detection
Retroreflective
Diffuse reflective
Long-range diffuse
Light source
Polarized IR
Non-polarized IR
Non-polarized IR
Sensing distance
5 m (16.40 ft)
7 m (22.97 ft)
2 m (6.56 ft)
3 m (9.84 ft)
Part
Without timers
E3B2-R5M4-US
E3B2-R7M4-US
E3B2-D2M4-US
E3B2-D2M4-US-N
number
ON- and OFF-
(0.5 to 20 s)
E3B2-R5M4D-US
E3B2-R7M4D-US
E3B2-D2M4D-US
delay timers
(0.05 to 5 s)
E3B2-R5M4D-US-3
E3B2-D2M4D-US-3
E3B2-D2M4-US-N-3
Plug-in Base, Long Range Sensor
E3B2
Plug-in Terminal for Easy
Maintenance and Installation
I Universal AC/DC supply voltage
I Replace sensing head without rewiring
I Detect shiny objects with polarized
retroreflective type
I Long-range diffuse reflective sensors
detect dark objects at long distances
I Built-in ON- and OFF-delay timers
available
I Switch selectable light-on/dark-on
operation
I Mutual interference protection
I Ready-to-use: includes 3 A relay,
mounting bracket and reflector for
retroreflective types
Ordering Information
I SENSORS
I REPLACEMENT PARTS
Description
Part number
Reflector (supplied with retroreflective sensor)
E39-R2
Mounting bracket (supplied with each sensor)
E39-L35


Similar Part No. - E3B2-R5M4D-US

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
E3B-KR4B-H3E MAGNETROL-E3B-KR4B-H3E Datasheet
1Mb / 48P
Digital E3 Modulevel with HART짰 and PACTware??Communications Liquid Level Displacer Transmitter
logo
Microdiode Semiconducto...
E3BB CHENDA-E3BB Datasheet
616Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Gamewell-FCI by Honeywe...
E3BB-BA2 GAMEWELL-FCI-E3BB-BA2 Datasheet
86Kb / 3P
Combined Fire and MNS System
E3BB-BA2 GAMEWELL-FCI-E3BB-BA2 Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
Combined Fire and MNS System
More results

Similar Description - E3B2-R5M4D-US

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
Plug-in Detector Base
logo
Omron Electronics LLC
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
Long Range Metal Body Sensor
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
Long-Range AC/DC Photoelectric Sensor
E3S-CR66 OMRON-E3S-CR66 Datasheet
651Kb / 14P
Long Range Metal Body Sensor
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
Long Range & Wide Area Photoelectric Sensor
logo
Laird Tech Smart Techno...
BT510 LSTD-BT510 Datasheet
294Kb / 2P
Bluetooth v5 Long Range IP67 Multi Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com