Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3G-R17 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3G-R17
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R17 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3G-R17 Datasheet HTML 4Page - Omron Electronics LLC E3G-R17 Datasheet HTML 5Page - Omron Electronics LLC E3G-R17 Datasheet HTML 6Page - Omron Electronics LLC E3G-R17 Datasheet HTML 7Page - Omron Electronics LLC E3G-R17 Datasheet HTML 8Page - Omron Electronics LLC E3G-R17 Datasheet HTML 9Page - Omron Electronics LLC E3G-R17 Datasheet HTML 10Page - Omron Electronics LLC E3G-R17 Datasheet HTML 11Page - Omron Electronics LLC E3G-R17 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
E3G
11
Distance-setting Models
47.8
45
Two, 4.5-dia.
mounting
holes
30
12.8
14
14-dia. lens
Receiver
Emitter
21
13.7
67.8
68.5
18
25
29
43
6-dia. vinyl-insulated round cable with 3 conductors
(conductor cross section: 0.38 mm2,
insulator diameter: 1.3 mm)
Standard length: 2 m
Two, M4
25
TEACH button
Operation indicator (orange)
Stability indicator (green)
Teaching indicator (red/green)
M2.6
Operation
selector
Pre-wired Model
E3G-L73
Mounting
Holes
Standard Connector Model
E3G-L77
Note: All dimensions other than the
ones specified below are the
same as the corresponding
dimensions of the E3G-L73.
8
37
8
43
7
10.5 dia.
10
M12 Connector
ON-delay adjuster*
OFF-delay adjuster*
37
74
Two, M4
Two, 4.5-dia.
mounting holes
84.45
18
84.95
30
14
24.4
74
6
13.7
29
16
37
68
44
Operation indicator (orange)
Stability indicator (green)
Teaching indicator (red/green)
TEACH button
14-dia. lens
Receiver
Emitter
M2.6
Operation
selector
PF1/2 conduit: JIS B 0202
M2.6 nut
*The ON- or OFF-delay adjuster is not
available with the E3G-ML79.
Hexagonal nut
(Diagonal: 22)
Applicable cable:
6 to 8 dia.
Terminal Block Models
E3G-ML79
E3G-ML79T
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com