Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151C8T6DTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L151C8T6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6DTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L151C8T6DTR Datasheet HTML 45Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 46Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 47Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 48Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 49Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 50Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 51Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 52Page - STMicroelectronics STM32L151C8T6DTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
49/121
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 11: Voltage characteristics,
Table 12: Current characteristics, and Table 13: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 11.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage
(including VDDA and VDD)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
–0.3
4.0
V
VIN
(2)
2.
VIN maximum must always be respected. Refer to Table 12 for maximum allowed injected current values.
Input voltage on five-volt tolerant pin
VSS − 0.3
VDD+4.0
Input voltage on any other pin
VSS − 0.3
4.0
|
ΔVDDx|
Variations between different VDD power pins
50
mV
|VSSX − VSS| Variations between all different ground pins
50
VESD(HBM)
Electrostatic discharge voltage
(human body model)
see Section 6.3.10
Table 12.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD/VDDA power lines (source)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
80
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
80
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/O and control pin
- 25
IINJ(PIN)
(2)
2.
Negative injection disturbs the analog performance of the device. See note in Section 6.3.16.
Injected current on five-volt tolerant I/O(3)
3.
Positive current injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN)
must never be exceeded. Refer to Table 11 for maximum allowed input voltage values.
+0 /-5
Injected current on any other pin (4)
4.
A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. IINJ(PIN)
must never be exceeded. Refer to Table 11: Voltage characteristics for the maximum allowed input voltage
values.
± 5
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins)(5)
5.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
± 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com