Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-R2E4 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3S-R2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 12Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 13Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
E3S
10
(Unit: mm)
Dimensions
Unless otherwise specified, the tolerance class IT16 is used for dimensions in this data sheet.
General-purpose Sensors
Note: Models numbers for Through-beam Sensors (E3S-
@E4, E3S-@E41) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "L" to the set model number (example: E3S-2LE4), the model number of the Receiver, by adding "D"
(example: E3S-2DE4.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
15.4
4
3.2
16
9
16.7
16.7
9
16.2
25.1
1.2
2.7
18.8
Indicator
9.9
40
(50)
16
9
4
3.2
5.5
20
30
5
11.4
Two, M3
a*1
Lens: 7 dia.
E39-L3
6 dia.
12.8 dia.
Sensitivity adjuster*2
4-dia. vinyl-insulated round cable with 2/3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Emitter and Receiver, 80 g each
*1 The mounting bracket can also be used on side
a.
*2 Receiver only.
E3S-2E4
15.4
4
3.2
16
9
16.7
16.7
9
25.1
1.2
18.8
32.3
40
(50)
8.3
9
4
3.2
5.5
20
30
5
11.4
Indicator
Two, M3
a*1
Lens: 7 dia.
6 dia.
12.8 dia.
Sensitivity adjuster*2
*1 The mounting bracket can also be used on side
a.
*2 Receiver only.
4-dia. vinyl-insulated round cable with 2/3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Emitter and Receiver, 80 g each
E3S-2E41
20
5
4.2
5
1.9
6.5
4.2
20
22.2
20.4
12
22
(32)
1.6
23
20
2.1R
39
25.4
55
(67)
11
13
7
2.1R
Indicator
E39-L6
a*1
Lens: 11 dia.
13 dia.
Sensitivity adjuster*2
4-dia. vinyl-insulated round cable with 2/3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Emitter and Receiver, 155 g each
Two, M4
slotted hexagonal bolts
*1 The mounting bracket can also be used on side
a.
*2 Receiver only.
E3S-5E4
20
5
4.2
5
1.9
6.5
4.2
20
22.2
20.4
12
(32)
1.6
23
20
2.1R
2.1R
39
18.6
25.4
63
(75)
11
13
7
Indicator
a*1
Lens: 11 dia.
13 dia.
Sensitivity adjuster*2
4-dia. vinyl-insulated round cable with 2/3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Emitter and Receiver, 165 g each
Two, M4
slotted hexagonal bolts
*1 The mounting bracket can also be used on side
a.
*2 Receiver only.
E3S-5E41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com