Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2R-087P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P2R-087P
Description  Slim and Space-saving Power Plug-in Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-087P Datasheet(HTML) 4 Page - Omron Electronics LLC

  P2R-087P Datasheet HTML 1Page - Omron Electronics LLC P2R-087P Datasheet HTML 2Page - Omron Electronics LLC P2R-087P Datasheet HTML 3Page - Omron Electronics LLC P2R-087P Datasheet HTML 4Page - Omron Electronics LLC P2R-087P Datasheet HTML 5Page - Omron Electronics LLC P2R-087P Datasheet HTML 6Page - Omron Electronics LLC P2R-087P Datasheet HTML 7Page - Omron Electronics LLC P2R-087P Datasheet HTML 8Page - Omron Electronics LLC P2R-087P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
G2R-
@-S
Engineering Data
Maximum Switching Power
Plug-in Relays
Endurance
Plug-in Relays
Ambient Temperature vs Maximum Coil Voltage
100
10
1
0.1
1
10
100
1000
100
10
1
0.1
1
10
100
1000
G2R-1-S
Switching voltage (V)
G2R-2-S
Switching voltage (V)
AC inductive load
(cos
φ = 0.4)
AC resistive
load
DC resistive
load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
φ = 0.4)
AC resistive
load
DC resistive
load
DC inductive load
(L/R = 7 ms)
5,000
1,000
500
100
50
5,000
1,000
500
100
50
10,000
G2R-1-S
Switching current (A)
G2R-2-S
Switching current (A)
30-VDC inductive load (L/R = 7ms)
30-VDC inductive load (L/R = 7ms)
250-VAC/30-VDC
resistive load
250-VAC inductive load
(cos
φ = 0.4)
250-VAC/30-VDC
resistive load
250-VAC
inductive load
(cos
φ = 0.4)
Ambient temperature (
°C)
Note: The maximum voltage refers to the maximum
value in a varying range of operating power
voltage, not a continuous voltage.
DC coil
AC coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com