Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70F337AP-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 70F337AP-RC
Description  High Q, high self-resonant frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70F337AP-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  70F337AP-RC Datasheet HTML 1Page - Bourns Electronic Solutions 70F337AP-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
20.4
Varnished Chokes
Special Features
• High Q, high self-resonant
frequency
• High voltage application on phenolic
and ferrite components
• Universal wound
• Low cost
• Varnish coated
• Operating temperature:
phenolic -55 to +125 °C;
iron, ferrite -55 to +105 °C
Notes
* Current to cause 35 °C max. temperature
rise
70F Series continued
Part
Number
L (µH)
±5 %
Q
Min.
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
Ω
Max.
I, DC*
(mA)
Dim.
A
Max
Dim.
B
±0.03
Core
Material
70F394AI-RC
390
45
0.79
2.0
15.8
97
0.18
0.25
Iron
70F474AI-RC
470
35
0.79
1.8
16.3
95
0.18
0.25
Iron
70F504AI-RC
500
49
0.79
1.8
18.0
91
0.19
0.25
Iron
70F564AI-RC
560
41
0.79
1.7
19.2
88
0.19
0.25
Iron
70F684AI-RC
680
37
0.79
1.6
19.8
87
0.2
0.25
Iron
70F754AI-RC
750
40
0.79
1.6
22.9
80
0.21
0.25
Iron
70F824AI-RC
820
33
0.79
1.6
22.9
80
0.21
0.25
Iron
70F914AI-RC
910
32
0.79
1.4
24.0
79
0.22
0.25
Iron
70F103AI-RC
1000
30
0.79
1.4
24.0
79
0.22
0.25
Iron
70F123AI-RC
1200
34
0.25
1.2
33.6
66
0.22
0.25
Iron
70F153AI-RC
1500
40
0.25
1.1
37.2
63
0.22
0.25
Iron
70F183AI-RC
1800
40
0.25
0.96
42.0
59
0.23
0.25
Iron
70F223AI-RC
2200
40
0.25
0.96
45.6
57
0.24
0.25
Iron
70F253AI-RC
2500
48
0.25
0.96
45.6
57
0.26
0.38
Iron
70F273AI-RC
2700
50
0.25
0.88
45.6
57
0.26
0.38
Iron
70F333AI-RC
3300
52
0.25
0.80
51.6
53
0.26
0.38
Iron
70F393AI-RC
3900
53
0.25
0.76
57.6
51
0.27
0.38
Iron
70F473AI-RC
4700
49
0.25
0.68
64.8
48
0.28
0.38
Iron
70F563AI-RC
5600
53
0.25
0.68
69.6
46
0.3
0.38
Iron
70F683AI-RC
6800
51
0.25
0.64
78
43
0.31
0.38
Iron
70F753AI-RC
7500
49
0.25
0.60
85.2
41
0.31
0.38
Iron
70F823AI-RC
8200
48
0.25
0.60
92.4
40
0.33
0.38
Iron
70F913AI-RC
9100
52
0.25
0.56
98.4
39
0.33
0.38
Iron
70F102AI-RC
10,000
41
0.25
0.52
101
38
0.33
0.38
Iron
70F122AI-RC
12,000
46
0.079
0.36
100
50
0.3
0.50
Iron
70F152AI-RC
15,000
50
0.079
0.32
113
47
0.3
0.50
Iron
70F182AI-RC
18,000
49
0.079
0.29
128
44
0.32
0.50
Iron
70F222AI-RC
22,000
50
0.079
0.27
144
41
0.33
0.50
Iron
70F252AF-RC
25,000
59
0.079
0.25
115
46
0.34
0.63
Ferrite
70F272AF-RC
27,000
61
0.079
0.244
120
45
0.35
0.63
Ferrite
70F332AF-RC
33,000
61
0.079
0.232
134
43
0.35
0.63
Ferrite
70F392AF-RC
39,000
59
0.079
0.22
147
41
0.37
0.63
Ferrite
70F472AF-RC
47,000
57
0.079
0.206
168
38
0.38
0.63
Ferrite
70F502AF-RC
50,000
57
0.079
0.196
175
37
0.4
0.63
Ferrite
70F562AF-RC
56,000
57
0.079
0.188
189
36
0.4
0.63
Ferrite
70F682AF-RC
68,000
57
0.079
0.18
215
34
0.41
0.63
Ferrite
70F752AF-RC
75,000
53
0.079
0.174
222
33
0.43
0.63
Ferrite
70F822AF-RC
82,000
50
0.079
0.168
238
32
0.43
0.63
Ferrite
70F912AF-RC
91,000
51
0.079
0.166
250
31
0.43
0.63
Ferrite
70F101AF-RC
100,000
48
0.079
0.157
278
29
0.44
0.63
Ferrite
L tested
@ 1 KHz
70F121AF-RC
120,000
46
0.025
0.084
288
48
0.48
0.88
Ferrite
70F151AF-RC
150,000
49
0.025
0.077
328
44
0.50
0.88
Ferrite
70F181AF-RC
180,000
51
0.025
0.075
374
41
0.52
0.88
Ferrite
70F221AF-RC
220,000
51
0.025
0.07
424
39
0.54
0.88
Ferrite
70F251AF-RC
250,000
52
0.025
0.065
468
37
0.55
0.88
Ferrite
70F271AF-RC
270,000
53
0.025
0.062
490
36
0.57
0.88
Ferrite
70F331AF-RC
330,000
54
0.025
0.06
540
34
0.58
0.88
Ferrite
70F391AF-RC
390,000
54
0.025
0.056
617
33
0.6
0.88
Ferrite
70F471AF-RC
470,000
55
0.025
0.054
704
30
0.61
0.88
Ferrite
70F501AF-RC
500,000
53
0.025
0.052
736
30
0.63
0.88
Ferrite
1.25
B
A
Dia.
0.025 for 0.1-22,000uh
0.032 for 25,000-500,000uh
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com