| Electronic Components Datasheet Search |
|
AD9914PCBZ Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9914PCBZ Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 48 page ![]() AD9914 Data Sheet Rev. C | Page 44 of 48 Profile Registers There are 16 serial I/O addresses (Address 0x0B to Address 0x01A) dedicated to device profiles. Eight of the 16 profiles house up to eight single tone frequencies. The remaining eight profiles contain the corresponding phase offset and amplitude parameters relative to the profile pin setting. To enable profile mode, set the profile mode enable bit in CFR2 (0x01[23]) = 1. The active profile register is selected using the external PS[2:0] pins. Profile 0 to Profile 7, Single Tone Registers—0x0B, 0x0D, 0x0F, 0x11, 0x13, 0x15, 0x17, 0x19 Four bytes are assigned to each register. Table 26. Bit Descriptions for Profile 0 to Profile 7 Single Tone Registers Bit(s) Mnemonic Description [31:0] Frequency tuning word This 32-bit number controls the DDS frequency. Profile 0 to Profile 7, Phase Offset and Amplitude Registers—0x0C, 0x0E, 0x10, 0x12, 0x14, 0x16, 0x18, 0x1A Four bytes are assigned to each register. Table 27. Bit Descriptions for Profile 0 to Profile 7 Phase Offset and Amplitude Registers Bit(s) Mnemonic Description [31:28] Open Open. [27:16] Amplitude scale factor This 12-bit word controls the DDS frequency. Note that the OSK enable bit (0x00[8]) must be set to logic high to make amplitude adjustments. [15:0] Phase offset word This 16-bit word controls the DDS frequency. USR0 Register—Address 0x1B Table 28. Bit Descriptions for USR0 Register Bit(s) Mnemonic Description [31:25] Open 24 PLL lock This is a readback bit only. If Logic 1 is read back, the PLL is locked. Logic 0 represents a nonlocked state. [23:0] (See description) These bits must always be programmed with the default values listed in the default column in Table 14. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |