Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7799EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # EVAL-AD7799EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7799EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button EVAL-AD7799EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD7799EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 20 of 28
Single-Conversion Mode
In single-conversion mode, the AD7798/AD7799 is placed in
power-down mode after conversions. When a single conversion
is initiated by setting MD2, MD1, and MD0 to 0, 0, and 1 in the
mode register, the AD7798/AD7799 powers up, performs a
single conversion, and then returns to power-down mode. The
on-chip oscillator requires approximately 1 ms to power up. A
conversion requires a time period of 2 × tADC. DOUT/RDY goes
low to indicate the completion of a conversion. When the data-
word has been read from the data register, DOUT/RDY goes
high. If CS is low, DOUT/RDY remains high until another
conversion is initiated and completed. The data register can be
read several times if required, even when DOUT/RDY is high.
Continuous-Conversion Mode
This is the default power-up mode. The AD7798/AD7799
continuously converts, with the RDY bit in the status register
going low each time a conversion is complete. If CS is low, the
DOUT/RDY line also goes low when a conversion is complete.
To read a conversion, the user can write to the communication
register, indicating that the next operation is a read of the data
register. The digital conversion is placed on the DOUT/RDY
pin as soon as SCLK pulses are applied to the ADC. DOUT/RDY
returns high when the conversion is read. The user can reread
this register if required. However, the user must ensure that the
data register is not accessed at the completion of the next
conversion, or the new conversion word is lost.
DIN
0x08
0x200A
DATA
SCLK
DOUT/RDY
CS
0x58
Figure 16. Single Conversion
DIN
SCLK
DOUT/RDY
CS
0x58
0x58
DATA
DATA
Figure 17. Continuous Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com