Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1640B-IMC Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1640B-IMC
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-IMC Datasheet(HTML) 3 Page - Microchip Technology

  MCP1640B-IMC Datasheet HTML 1Page - Microchip Technology MCP1640B-IMC Datasheet HTML 2Page - Microchip Technology MCP1640B-IMC Datasheet HTML 3Page - Microchip Technology MCP1640B-IMC Datasheet HTML 4Page - Microchip Technology MCP1640B-IMC Datasheet HTML 5Page - Microchip Technology MCP1640B-IMC Datasheet HTML 6Page - Microchip Technology MCP1640B-IMC Datasheet HTML 7Page - Microchip Technology MCP1640B-IMC Datasheet HTML 8Page - Microchip Technology MCP1640B-IMC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2011 Microchip Technology Inc.
DS22234B-page 3
MCP1640/B/C/D
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
EN, FB, VIN, VSW, VOUT - GND ...........................+6.5V
EN, FB ........... <greater of VOUT or VIN > (GND - 0.3V)
Output Short Circuit Current....................... Continuous
Output Current Bypass Mode........................... 400 mA
Power Dissipation ............................ Internally Limited
Storage Temperature .........................-65oC to +150oC
Ambient Temp. with Power Applied......-40oC to +85oC
Operating Junction Temperature........-40oC to +125oC
ESD Protection On All Pins:
HBM........................................................ 3 kV
MM........................................................ 300 V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V, IOUT =15 mA,
TA = +25°C.
Boldface specifications apply over the TA range of -40
oC to +85oC.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Characteristics
Minimum Startup Voltage
VIN
—0.65
0.8
V
Note 1
Minimum Input Voltage After
Start-Up
VIN
—0.35
—
V
Note 1
Output Voltage Adjust Range
VOUT
2.0
5.5
VVOUT  VIN; Note 2
Maximum Output Current
IOUT
100
150
—
mA
1.2V VIN, 2.0V VOUT
150
—
mA
1.5V VIN, 3.3V VOUT
350
—
mA
3.3V VIN, 5.0V VOUT
Feedback Voltage
VFB
1.175
1.21
1.245
V—
Feedback Input Bias Current
IVFB
—10
—
pA
—
Quiescent Current – PFM
Mode
IQPFM
—
19
30
µA
Measured at VOUT = 4.0V;
EN = VIN, IOUT = 0 mA;
Note 3
Quiescent Current – PWM
Mode
IQPWM
—
220
—
µA
Measured at VOUT; EN = VIN
IOUT = 0 mA; Note 3
Quiescent Current – Shutdown
IQSHDN
—0.7
2.3
µA
VOUT = EN = GND;
Includes N-Channel and
P-Channel Switch Leakage
NMOS Switch Leakage
INLK
—0.3
1
µA
VIN = VSW = 5V;
VOUT = 5.5V
VEN = VFB = GND
PMOS Switch Leakage
IPLK
—
0.05
0.2
µA
VIN = VSW = GND;
VOUT = 5.5V
NMOS Switch ON Resistance
RDS(ON)N
—0.6
—
VIN = 3.3V, ISW = 100 mA
Note 1:
3.3 K
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQ is measured from VOUT; VIN quiescent current will vary with boost ratio. VIN quiescent current can be
estimated by: (IQPFM * (VOUT/VIN)), (IQPWM * (VOUT/VIN)).
4:
220
 resistive load, 3.3V
OUT (15 mA).
5:
Peak current limit determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com