Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 288 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 288 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 284Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 285Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 286Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 287Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 288Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 289Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 290Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 291Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 288
© 2007-2011 Microchip Technology Inc.
Revision C (June 2008)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
The major changes are referenced by their respective
section in the following table.
TABLE 25-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit
Digital Signal Controllers”
Added SSOP to list of available 28-pin packages (see “Packaging:” and
Table 1).
Added External Interrupts column to Remappable Peripherals in the Controller
Families table and Note 2 (see Table 1).
Added Note 1 to all pin diagrams, which references RPn pin usage by
remappable peripherals (see “Pin Diagrams”).
Section 1.0 “Device Overview”
Changed Capture Input pin names from IC0-IC1 to IC1-IC2 and updated
description for AVDD (see Table 1-1).
Section 3.0 “Memory
Organization”
Added SFR definitions (ACCAL, ACCAH, ACCAU, ACCBL, ACCBH, and
ACCBU) to the CPU Core Register Map (see Table 3-1).
Updated Reset values for the following SFRs: IPC0, IPC2-IPC7, IPC16, and
INTTREG (see Table 3-4).
Updated all SFR names in QEI1 Register Map (see Table 3-11).
The following changes were made to the ADC1 Register Maps:
• Updated the bit range for AD1CON3 from ADCS<5:0> to ADCS<7:0>)
(see Table 3-15 and Table 3-16).
• Added Bit 6 (PCFG7) and Bit 7 (PCFG6) names to AD1PCFGL (Table 3-15).
• Added Bit 6 (CSS7) and Bit 7 (CSS6) names to AD1CSSL (see Table 3-15).
• Changed Bit 5 and Bit 4 in AD1CSSL to unimplemented (see Table 3-15).
Updated the Reset value for CLKDIV in the System Control Register Map
(see Table 3-23).
Section 4.0 “Flash Program
Memory”
Updated Section 4.3 “Programming Operations” with programming time
formula.
Section 5.0 “Resets”
Entire section was replaced to maintain consistency with other dsPIC33F data
sheets.
Section 7.0 “Oscillator
Configuration”
Removed the first sentence of the third clock source item (External Clock) in
Section 7.1.1 “System Clock sources”
Updated the default bit values for DOZE and FRCDIV in the Clock Divisor
Register (see Register 7-2).
Added the center frequency in the OSCTUN register for the FRC Tuning bits
(TUN<5:0>) value 011111 and updated the center frequency for bits value
011110
(see Register 7-4)
Section 8.0 “Power-Saving
Features”
Added the following three registers:
• PMD1: Peripheral Module Disable Control Register 1
• PMD2: Peripheral Module Disable Control Register 2
• PMD3: Peripheral Module Disable Control Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com