Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 291 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 291 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 287Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 288Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 289Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 290Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 291Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 292Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 293Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 294Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 291
dsPIC33FJ12MC201/202
Section 19.0 “10-bit/12-bit
Analog-to-Digital Converter
(ADC)”
Updated ADC Conversion Clock Select bits in the AD1CON3 register from
ADCS<5:0> to ADCS<7:0>. Any references to these bits have also been
updated throughout this data sheet (Register 19-3).
Replaced Figure 19-1 (ADC1 Module Block Diagram for dsPIC33FJ12MC201)
and added Figure 19-2 (ADC1 Block Diagram for dsPIC33FJ12MC202).
Removed Equation 19-1: ADC Conversion Clock Period and Figure 19-2: ADC
Transfer Function (10-Bit Example).
Added Note 2 to Figure 19-2: ADC Conversion Clock Period Block Diagram.
Updated ADC1 Input Channel 1, 2, 3 Select Register (see Register 19-4) as
follows:
• Changed bit 10-9 (CH123NB - dsPIC33FJ12MC201 devices only)
description for bit value of 10 (if AD12B = 0).
• Updated bit 8 (CH123SB) to reflect device-specific information.
• Updated bit 0 (CH123SA) to reflect device-specific information.
• Changed bit 2-1 (CH123NA - dsPIC33FJ12MC201 devices only)
description for bit value of 10 (if AD12B = 0).
Updated ADC1 Input Channel 0 Select Register (see Register 19-5) as follows:
• Changed bit value descriptions for bits 12-8
• Changed bit value descriptions for bits 4-0 (dsPIC33FJ12MC201 devices)
Modified Notes 1 and 2 in the ADC1 Input Scan Select Register Low (see
Register 19-6)
Modified Notes 1 and 2 in the ADC1 Port Configuration Register Low (see
Register 19-7)
Section 20.0 “Special Features”
Added FICD register information for address 0xF8000E in the Device
Configuration Register Map (see Table 20-1).
Added FICD register content (BKBUG, COE, JTAGEN, and ICS<1:0> to the
dsPIC33FJ12MC201/202 Configuration Bits Description (see Table 20-2).
Added a note regarding the placement of low-ESR capacitors, after the second
paragraph of Section 20.2 “On-Chip Voltage Regulator” and to Figure 20-2.
Removed the words “if enabled” from the second sentence in the fifth paragraph
of Section 20.3 “BOR: Brown-out Reset”
TABLE 25-1:
MAJOR SECTION UPDATES
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com