Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 295 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 295 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 291Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 292Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 293Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 294Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 295Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 296Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 297Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 298Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 295
dsPIC33FJ12MC201/202
Section 24.0 “Electrical Characteristics”
Updated the following Absolute Maximum Ratings:
• Storage temperature
• Voltage on any pin that is not 5V tolerant with respect to VSS
• Voltage on any 5V tolerant pin with respect to VSS when VDD
≥ 3.0V
• Voltage on any 5V tolerant pin with respect to VSS when VDD < 3.0V
• Added Note 4
Revised parameters DI18, DI19, DI50, and DI51, added parameters
DI21, DI25, DI26, DI27, DI28, DI29, DI60a, DI60b, and DI60c, and
added Notes 5, 6, 7, 8, and 9 to the I/O Pin Input Specifications (see
Table 24-9).
Removed Note 2 from the AC Characteristics: Internal RC Accuracy
(see Table 24-19).
Updated the maximum value for parameter OC15 and the minimum
value for parameter OC20 in the Simple OC/PWM Mode Timing
Requirements (see Table 24-28).
Updated all SPI specifications (see Table 24-32 through Table 24-39
and Figure 24-14 through Figure 24-21).
Updated the minimum values for parameters AD05 and AD07, and the
maximum value for parameter AD06 in the ADC Module Specifications
(see Table 24-42).
Added Note 4 regarding injection currents to the ADC Module
Specifications (12-bit mode) (see Table 24-43).
Added Note 4 regarding injection currents to the ADC Module
Specifications (10-bit mode) (see Table 24-44).
TABLE 25-3:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com